Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM9553SP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM9553SP
Description  5V Input, 3A Output Current 3.3V, 2.5V 1.8V, 1.5V Output Switching Regulator Three Terminal Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM9553SP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM9553SP Datasheet HTML 1Page - List of Unclassifed Manufacturers OM9553SP Datasheet HTML 2Page - List of Unclassifed Manufacturers OM9553SP Datasheet HTML 3Page - List of Unclassifed Manufacturers OM9553SP Datasheet HTML 4Page - List of Unclassifed Manufacturers OM9553SP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OM9551SP, OM9552SP, OM9553SP, OM9554SP
Rev A
08/01/2000
205 Crawford Street
• Leominster MA 01453 • Phone: 978 534 5776 • Fax: 978 537 4246 • www.omnirel.com
1
5V Input,
3A Output Current
+3.3V, +2.5V +1.8V, +1.5V Output
Switching Regulator
Three Terminal Package
DESCRIPTION
The OM955X series of Switching Regulators are designed for pin compatibility with standard 3-
Pin linear regulators. They are well suited for on-board, non- isolated power applications where
efficient point- of- load regulation is needed. The package is designed using Chip- on – Board
technology to reduce cost and maintain power density. These units will typically not require any
additional components in your application due to capacitance provided internal to the package.
MAXIMUM RATINGS @ Ta=25
° C (unless otherwise specified)
Parameter
Value
Conditions
Input Voltage
8V
Output Current
4A
Short Circuit
Power Dissipation
1.8W
Short Circuit
Output Power
10W
Short Circuit
Lead Temp.
230
°C
< 1 min.
CONFIGURATION CHART
MODEL
OUTPUT
VOLTAGE
TEMPERATURE RANGE
MAX. OUTPUT
CURRENT
OM9551SP
3.3V
-25 to +85
°°°°C
3.0A
OM9552SP
2.5V
-25 to +85
°°°°C
3.0A
OM9553SP
1.8V
-25 to +85
°°°°C
3.0A
OM9554SP
1.5V
-25 to +85
°°°°C
3.0A
FEATURES
High Efficiency
Internal Short Circuit Protection
Small Footprint
High Power Density- 60W/in.3
APPLICATIONS
High Power 5V to 3.3V Regulation
Low Voltage Battery regulation
Embedded Processor Power
General Purpose Low Voltage Logic
Supply
FPGA Power


Similar Part No. - OM9553SP

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
OM900UD PULSE-OM900UD Datasheet
691Kb / 5P
   700/800/900/1850 mhz coils/whips
logo
International Rectifier
OM9369 IRF-OM9369 Datasheet
149Kb / 14P
   FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
logo
List of Unclassifed Man...
OM9369CM ETC-OM9369CM Datasheet
121Kb / 10P
   FULL-FEATURED POWER MODULE FOR HIGH-VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
logo
International Rectifier
OM9369SF IRF-OM9369SF Datasheet
149Kb / 14P
   FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
OM9369SP IRF-OM9369SP Datasheet
149Kb / 14P
   FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
More results

Similar Description - OM9553SP

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
logo
Texas Instruments
PT6920 TI-PT6920 Datasheet
195Kb / 5P
[Old version datasheet]   5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6930 TI-PT6930 Datasheet
170Kb / 5P
[Old version datasheet]   5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
logo
Maxim Integrated Produc...
MAX17673AEVKIT MAXIM-MAX17673AEVKIT Datasheet
959Kb / 13P
   MAX17673A 5V, 3.3V, 1.8V Output Applications
Rev 0; 1/20
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Texas Instruments
PT6936 TI-PT6936 Datasheet
242Kb / 12P
[Old version datasheet]   11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
logo
Maxim Integrated Produc...
MAX17673EVKIT MAXIM-MAX17673EVKIT Datasheet
680Kb / 12P
   MAX17673 5V, 3.3V, 1.8V Output Applications
Rev 0; 11/18
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91 Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
logo
Allegro MicroSystems
SI-3005KWM ALLEGRO-SI-3005KWM Datasheet
357Kb / 9P
   1A, Low-Dropout, Dual Output, 1.5V & 1.8V Regulator
May 16, 2005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com