Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5C512K8ECJ-25 Datasheet(PDF) 9 Page - Micross Components

Part # AS5C512K8ECJ-25
Description  RoHS Compliant Options Available
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5C512K8ECJ-25 Datasheet(HTML) 9 Page - Micross Components

Back Button AS5C512K8ECJ-25 Datasheet HTML 5Page - Micross Components AS5C512K8ECJ-25 Datasheet HTML 6Page - Micross Components AS5C512K8ECJ-25 Datasheet HTML 7Page - Micross Components AS5C512K8ECJ-25 Datasheet HTML 8Page - Micross Components AS5C512K8ECJ-25 Datasheet HTML 9Page - Micross Components AS5C512K8ECJ-25 Datasheet HTML 10Page - Micross Components AS5C512K8ECJ-25 Datasheet HTML 11Page - Micross Components AS5C512K8ECJ-25 Datasheet HTML 12Page - Micross Components AS5C512K8ECJ-25 Datasheet HTML 13Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SRAM
AS5C512K8
AS5C512K8
Rev. 7.5 01/13
Micross Components reserves the right to change products or specifications without notice.
9
44-Pin TSOPII (Package Designators DGC & DGCR)
MECHANICAL DEFINITIONS
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. F
06/18/03
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
PACKAGING INFORMATION
Plastic TSOP
Package Code: T (Type II)
D
SEATING PLANE
b
e
C
1
N/2
N/2+1
N
E1
A1
A
E
L
α
ZD
.
Notes:
1. Controlling dimension: millimieters,
unless otherwise specified.
2. BSC = Basic lead spacing
between centers.
3. Dimensions D and E1 do not
include mold flash protrusions and
should be measured from the
bottom of the package.
4. Formed leads shall be planar with
respect to one another within
0.004 inches at the seating plane.
Plastic TSOP (T - Type II)
Millimeters
Inches
Millimeters
Inches
Millimeters
Inches
Symbol Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Ref. Std.
No. Leads (N)
32
44
50
A
1.20
0.047
1.20
0.047
1.20
0.047
A1
0.05 0.15
0.002 0.006
0.05
0.15
0.002 0.006
0.05 0.15
0.002 0.006
b
0.30 0.52
0.012 0.020
0.30
0.45
0.012 0.018
0.30 0.45
0.012 0.018
C
0.12 0.21
0.005 0.008
0.12
0.21
0.005 0.008
0.12 0.21
0.005 0.008
D
20.82 21.08
0.820 0.830
18.31 18.52
0.721 0.729
20.82 21.08
0.820 0.830
E1
10.03 10.29
0.391 0.400
10.03 10.29
0.395 0.405
10.03 10.29
0.395 0.405
E
11.56 11.96
0.451 0.466
11.56 11.96
0.455 0.471
11.56 11.96
0.455 0.471
e
1.27 BSC
0.050 BSC
0.80 BSC
0.032 BSC
0.80 BSC
0.031 BSC
L
0.40 0.60
0.016 0.024
0.41
0.60
0.016 0.024
0.40 0.60
0.016 0.024
ZD
0.95 REF
0.037 REF
0.81 REF
0.032 REF
0.88 REF
0.035 REF
α
Symbol
Ref. Std.
Min
Max
Min
Max
A
 ‐ 
1.20
 ‐ 
0.047
A1
0.05
0.15
0.002
0.006
b
0.30
0.45
0.012
0.018
C
0.12
0.21
0.005
0.008
D
18.31
18.52
0.721
0.729
E1
10.03
10.29
0.395
0.405
11.56
11.96
0.455
0.471
L
0.41
0.60
0.016
0.024
ZD
α
0o
5o
0o
5o
Millimeters
Inches
0.81 REF
0.80 BSC
0.032 BSC
0.032 REF
N=44 Leads


Similar Part No. - AS5C512K8ECJ-25

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C512K8ECJ-25 AUSTIN-AS5C512K8ECJ-25 Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8ECJ-25 AUSTIN-AS5C512K8ECJ-25 Datasheet
242Kb / 17P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8ECJ-25/H AUSTIN-AS5C512K8ECJ-25/H Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8ECJ-25/H AUSTIN-AS5C512K8ECJ-25/H Datasheet
242Kb / 17P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8ECJ-25/IT AUSTIN-AS5C512K8ECJ-25/IT Datasheet
242Kb / 17P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
More results

Similar Description - AS5C512K8ECJ-25

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
   RoHS compliant options available
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
   RoHS Compliant Available
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
logo
CTS Corporation
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
   LVPECL Terminators RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com