Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM863 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SDM863
Description  16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SDM863 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button SDM863 Datasheet HTML 2Page - Burr-Brown (TI) SDM863 Datasheet HTML 3Page - Burr-Brown (TI) SDM863 Datasheet HTML 4Page - Burr-Brown (TI) SDM863 Datasheet HTML 5Page - Burr-Brown (TI) SDM863 Datasheet HTML 6Page - Burr-Brown (TI) SDM863 Datasheet HTML 7Page - Burr-Brown (TI) SDM863 Datasheet HTML 8Page - Burr-Brown (TI) SDM863 Datasheet HTML 9Page - Burr-Brown (TI) SDM863 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
®
SDM862/863/872/873
6
PIN CONFIGURATIONS
51
34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
AMP OUT
AMP REF
+15V (1)
–15V (1)
+5V (2)
STATUS
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
MUX ADD2
MUX ADD1
MUX ADD0
MUX ENABLE
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
S/H IN
NC
S/H OUT
HOLD CAP
S/H OUT
MUX
INA
A/D
DOTTED
LINE
SHOWS
SUPPLY
SEPARATION
PIN
GROUPING
BY
FUNCTION
51
34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
AMP OUT
AMP REF
+15V (1)
–15V (1)
+5V (2)
STATUS
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
MUX ADD2
MUX ADD1
MUX ADD0
MUX ENABLE
CH0+
CH1+
CH2+
CH3+
CH4+
CH5+
CH6+
CH7+
S/H IN
NC
S/H OUT
HOLD CAP
S/H OUT
MUX
INA
A/D
DOTTED
LINE
SHOWS
SUPPLY
SEPARATION
PIN
GROUPING
BY
FUNCTION
TOP VIEW
SDM863/SDM873
TOP VIEW
SDM862/SDM872


Similar Part No. - SDM863

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - SDM863

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Murata Manufacturing Co...
HDAS8-16 MURATA-HDAS8-16 Datasheet
216Kb / 7P
   12-Bit, 50kHz, Complete Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX7651 MAXIM-MAX7651 Datasheet
479Kb / 36P
   Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com