Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5C512K8F-35L Datasheet(PDF) 5 Page - Micross Components

Part # AS5C512K8F-35L
Description  RoHS Compliant Options Available
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5C512K8F-35L Datasheet(HTML) 5 Page - Micross Components

  AS5C512K8F-35L Datasheet HTML 1Page - Micross Components AS5C512K8F-35L Datasheet HTML 2Page - Micross Components AS5C512K8F-35L Datasheet HTML 3Page - Micross Components AS5C512K8F-35L Datasheet HTML 4Page - Micross Components AS5C512K8F-35L Datasheet HTML 5Page - Micross Components AS5C512K8F-35L Datasheet HTML 6Page - Micross Components AS5C512K8F-35L Datasheet HTML 7Page - Micross Components AS5C512K8F-35L Datasheet HTML 8Page - Micross Components AS5C512K8F-35L Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SRAM
AS5C512K8
AS5C512K8
Rev. 7.5 01/13
Micross Components reserves the right to change products or specifications without notice.
5
Inputpulselevels...............................................Vssto3.0V
Inputriseandfalltimes..................................................3ns
Inputtimingreferencelevels........................................1.5V
Outputreferencelevels..................................................1.5V
Outputload.................................................SeeFigures1
and2
NOTES
1. AllvoltagesreferencedtoV
SS(GND).
2. -2Vforpulsewidth<20ns
3. I
CCisdependentonoutputloadingandcyclerates.
4. Thisparameterisguaranteedbutnottested.
5. Testconditionsasspecifiedwiththeoutputloading
asshowninFig.1unlessotherwisenoted.
6. tLZCE,tLZWE,tLZOE,tHZCE,tHZOEandtHZWE
arespecifiedwithCL=5pFasinFig.2.Transitionis
measured±200mVfromsteadystatevoltage.
7. Atanygiventemperatureandvoltagecondition,
t
HZCEislessthantLZCE,andtHZWEislessthan
t
LZWE.
8. WE\isHIGHforREADcycle.
9. Deviceiscontinuouslyselected.Chipenablesand
outputenablesareheldintheiractivestate.
10. Addressvalidpriorto,orcoincidentwith,latest
occurringchipenable.
11.tRC=ReadCycleTime.
12. Chipenableandwriteenablecaninitiateand
terminateaWRITEcycle.
13. Outputenable(OE\)isinactive(HIGH).
14. Outputenable(OE\)isactive(LOW).
15.ASIdoesnotwarrantfunctionalitynorreliabilityof
anyproductinwhichthejunctiontemperature
exceeds150°C.Careshouldbetakentolimitpowerto
acceptablelevels.
Fig. 1 Output Load
Equivalent
Fig. 2 Output Load
Equivalent
DATA RETENTION ELECTRICAL CHARACTERISTICS (L Version Only)
AC TEST CONDITIONS
DESCRIPTION
SYM
MIN MAX UNITS NOTES
Vcc for Retention Data
VDR
2V
Data Retention Current
Vcc = 2.0V
ICCDR
2
mA
Chip Deselect to Data
tCDR
0
ns
4
Operation Recovery Time
tR
10
ms
4, 11
CONDITIONS
CE\ > VCC -0.2V
VIN > VCC -0.2 or 0.2V
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C512K8
AS5C512K8
Rev. 7.0 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
167 ohms
167 ohms
1.73V
1.73V
C=5pF
C=30pF
Q
Q
Input pulse levels ...................................................... Vss to 3.0V
Input rise and fall times ......................................................... 3ns
Input timing reference levels ............................................... 1.5V
Output reference levels ........................................................ 1.5V
Output load ................................................. See Figures 1 and 2
NOTES
1.
All voltages referenced to V
SS (GND).
2.
-2V for pulse width < 20ns
3.
I
CC is dependent on output loading and cycle rates.
4.
This parameter is guaranteed but not tested.
5.
Test conditions as specified with the output loading
as shown in Fig. 1 unless otherwise noted.
6.
t
LZCE, tLZWE, tLZOE, tHZCE, tHZOE and tHZWE
are specified with CL = 5pF as in Fig. 2. Transition is
measured ±200mV from steady state voltage.
7.
At any given temperature and voltage condition,
t
HZCE is less than tLZCE, and tHZWE is less than
t
LZWE.
8.
WE\ is HIGH for READ cycle.
9.
Device is continuously selected. Chip enables and
output enables are held in their active state.
10. Address valid prior to, or coincident with, latest
occurring chip enable.
11. tRC = Read Cycle Time.
12. Chip enable and write enable can initiate and
terminate a WRITE cycle.
13. Output enable (OE\) is inactive (HIGH).
14. Output enable (OE\) is active (LOW).
15. ASI does not warrant functionality nor reliability of
any product in which the junction temperature
exceeds 150°C. Care should be taken to limit power to
acceptable levels.
Fig. 1 Output Load
Equivalent
Fig. 2 Output Load
Equivalent
DATA RETENTION ELECTRICAL CHARACTERISTICS (L Version Only)
AC TEST CONDITIONS
DESCRIPTION
SYM
MIN
MAX
UNITS
NOTES
Vcc for Retention Data
VDR
2V
Data Retention Current
Vcc = 2.0V
ICCDR
800
uA
Chip Deselect to Data
tCDR
0
ns
4
Operation Recovery Time
tR
10
ms
4, 11
CONDITIONS
CE\ > VCC -0.2V
VIN > VCC -0.2 or 0.2V


Similar Part No. - AS5C512K8F-35L

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C512K8F-35L AUSTIN-AS5C512K8F-35L Datasheet
242Kb / 17P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8F-35L/883C AUSTIN-AS5C512K8F-35L/883C Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8F-35L/H AUSTIN-AS5C512K8F-35L/H Datasheet
416Kb / 16P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5C512K8F-35L/H AUSTIN-AS5C512K8F-35L/H Datasheet
242Kb / 17P
   512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
More results

Similar Description - AS5C512K8F-35L

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
   RoHS compliant options available
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
   RoHS Compliant Available
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
logo
CTS Corporation
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
   LVPECL Terminators RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com