Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9910CNG-G Datasheet(PDF) 4 Page - Microchip Technology

Part # HV9910CNG-G
Description  Universal High-Brightness LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9910CNG-G Datasheet(HTML) 4 Page - Microchip Technology

  HV9910CNG-G Datasheet HTML 1Page - Microchip Technology HV9910CNG-G Datasheet HTML 2Page - Microchip Technology HV9910CNG-G Datasheet HTML 3Page - Microchip Technology HV9910CNG-G Datasheet HTML 4Page - Microchip Technology HV9910CNG-G Datasheet HTML 5Page - Microchip Technology HV9910CNG-G Datasheet HTML 6Page - Microchip Technology HV9910CNG-G Datasheet HTML 7Page - Microchip Technology HV9910CNG-G Datasheet HTML 8Page - Microchip Technology HV9910CNG-G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HV9910C
DS20005323A-page 4
 2014 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
VIN to GND......................................................-0.5V to +470V
VDD to GND.......................................................................12V
CS, LD, PWMD, GATE...........................-0.3V to (V
DD + 0.3V)
Junction temperature ....................................-40°C to +125°C
Storage temperature .....................................-65°C to +150°C
Continuous power dissipation (TA = +25°C)
8-lead SOIC ...............................................650 mW
16-lead SOIC ...........................................1300 mW
8-lead SOIC with heat slug ......................1300 mW
Note: Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions, above those indicated in the
operational listings of this specification, is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
1.1
ELECTRICAL SPECIFICATIONS
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (SHEET 1 OF 2)1
Symbol
Parameter
Note
Min
Typ
Max
Units Conditions
Input
VINDC
Input DC supply voltage
range2
3
15
-
450
V
DC input voltage
IIN(MAX)
Supply current
-
-
0.8
1.5
mA
Pin PWMD to VDD, no capaci-
tance at GATE
IINSD
Shut-down mode supply
current
-
-
0.5
1.0
mA
Pin PWMD to GND
Internal Regulator
VDD
Internally regulated voltage
-
7.25
7.50
7.75
V
VIN = 15V, IDD(ext) = 0,
PWMD = VDD, 500pF at GATE;
ROSC = 249kΩ
∆VDD, line Line regulation of VDD
-0-
1.0
V
VIN = 15 - 450V, IDD(ext) = 0,
PWMD = VDD, 500pF at GATE;
ROSC = 249kΩ
∆VDD, load Load regulation of VDD
-0-
0.1
V
IDD(ext) = 0 - 1.0mA,
PWMD = VDD, 500pF at GATE;
ROSC = 249kΩ
UVLO
VDD under voltage lockout
threshold
3
6.45
6.70
6.95
V
VDD rising
∆UVLO
VDD under voltage lockout
hysteresis
--
500
-
mV
VDD falling
IIN(MAX)
Maximum regulator current
4
5.0
-
-
mA
VDD = UVLO - ∆UVLO
PWM Dimming
VEN(lo)
PWMD input low voltage
3
--
1.0
V
VIN = 15 - 450V
VEN(hi)
PWMD input high voltage
3
2.4
-
-
V
VIN = 15 - 450V
REN
Internal pull-down resis-
tance at PWMD
-
50
100
150
kΩ
VPWMD = 5.0V


Similar Part No. - HV9910CNG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910CNG-G SUTEX-HV9910CNG-G Datasheet
782Kb / 8P
   The HV9910C is an open loop, current mode, control LED driver IC.
HV9910CNG-GM934 SUTEX-HV9910CNG-GM934 Datasheet
782Kb / 8P
   The HV9910C is an open loop, current mode, control LED driver IC.
More results

Similar Description - HV9910CNG-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
   Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
   Universal High Brightness LED Driver
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
logo
Supertex, Inc
HV9910 SUTEX-HV9910 Datasheet
442Kb / 11P
   Universal High Brightness LED Driver
logo
First Silicon Co., Ltd
FC9910B FS-FC9910B Datasheet
600Kb / 10P
   Universal High Brightness LED Driver
logo
SHOUDING Shouding Semic...
SD3390B SHOUDING-SD3390B Datasheet
1Mb / 4P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com