Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJMNT33 Datasheet(PDF) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJMNT33
Description  PNP Power Transistor with N-MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJMNT33 Datasheet(HTML) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJMNT33 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJMNT33 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJMNT33 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJMNT33 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJMNT33 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJMNT33 Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
12
34
5
200
300
400
500
200
400
600
800
0
100
200
300
400
500
600
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
100
200
300
400
500
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
25
50
75
100
125
0.60
0.65
0.70
0.75
0.80
0.85
100
2.5V
5.5V
4.5V
3.5V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
T
a=25
Pulsed
V
GS=1.5V
GATE TO SOURCE VOLTAGE V
GS
(V)
I
D=600mA
T
a=25
Pulsed
V
GS
——
R
DS(ON)
V
GS=1.8V
T
a=25
Pulsed
V
GS=4.5V
V
GS=2.5V
DRAIN CURRENT I
D
(mA)
I
D
——
R
DS(ON)
GATE TO SOURCE VOLTAGE V
GS
(V)
V
DS=16V
Pulsed
T
a=100
T
a=25
Transfer Characteristics
T
a=100
Pulsed
SOURCE TO DRAIN VOLTAGE V
SD
(V)
T
a=25
Pulsed
V
SD
I
S ——
500
Output Characteristics
JUNCTION TEMPERATURE T
J
( )
I
D=250uA
Threshold Voltage
Typical Characteristics
www.cj-elec.com
4
C,May,2015
N-channel Characteristics


Similar Part No. - CJMNT33

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJMNT31 JIANGSU-CJMNT31 Datasheet
955Kb / 6P
   PNP Power Transistor with N-MOSFET
CJMNT32 JIANGSU-CJMNT32 Datasheet
948Kb / 6P
   PNP Power Transistor with N-MOSFET
CJMNT32-W JIANGSU-CJMNT32-W Datasheet
1Mb / 5P
   PNP Power Transistor with N-MOSFET
More results

Similar Description - CJMNT33

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJMNT32-W JIANGSU-CJMNT32-W Datasheet
1Mb / 5P
   PNP Power Transistor with N-MOSFET
CJMNT32 JIANGSU-CJMNT32 Datasheet
948Kb / 6P
   PNP Power Transistor with N-MOSFET
logo
First Silicon Co., Ltd
FTKMNT32 FS-FTKMNT32 Datasheet
950Kb / 6P
   PNP Power Transistor with N-MOSFET
logo
Jiangsu Changjiang Elec...
CJMNT31 JIANGSU-CJMNT31 Datasheet
955Kb / 6P
   PNP Power Transistor with N-MOSFET
logo
Will Semiconductor Ltd.
WPT2N31 WILLSEMI-WPT2N31 Datasheet
1Mb / 9P
   Single, PNP, -30V, -3A, Power Transistor with 20V N-MOSFET
WPT2N32 WILLSEMI-WPT2N32 Datasheet
352Kb / 7P
   Single, PNP, -30V, -1A, Power Transistor with 20V N-MOSFET
logo
Diodes Incorporated
DTM3A25P20NFDB DIODES-DTM3A25P20NFDB Datasheet
532Kb / 10P
   25V PNP LOW SAT TRANSISTOR WITH N-CHANNEL MOSFET
logo
Jiangsu Changjiang Elec...
CJZM718 JIANGSU-CJZM718 Datasheet
2Mb / 7P
   N-ch MOSFET and PNP Transistor
logo
ON Semiconductor
NUS5530MN ONSEMI-NUS5530MN Datasheet
162Kb / 9P
   Integrated Power MOSFET with PNP Low VCE(sat) Switching Transistor
May, 2006 ??Rev. 0
logo
KODENSHI_AUK CORP.
SUM202MN KODENSHI-SUM202MN Datasheet
374Kb / 9P
   Integrated Power MOSFET with PNP Low VCE(sat) Switching Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com