Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BALF-CC26-05D3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BALF-CC26-05D3
Description  50(ohm) nominal input / conjugate match balun CC2610, CC2620, CC2630, CC2640, CC2650 MHz, with integrated harmonic filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BALF-CC26-05D3 Datasheet(HTML) 2 Page - STMicroelectronics

  BALF-CC26-05D3 Datasheet HTML 1Page - STMicroelectronics BALF-CC26-05D3 Datasheet HTML 2Page - STMicroelectronics BALF-CC26-05D3 Datasheet HTML 3Page - STMicroelectronics BALF-CC26-05D3 Datasheet HTML 4Page - STMicroelectronics BALF-CC26-05D3 Datasheet HTML 5Page - STMicroelectronics BALF-CC26-05D3 Datasheet HTML 6Page - STMicroelectronics BALF-CC26-05D3 Datasheet HTML 7Page - STMicroelectronics BALF-CC26-05D3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
BALF-CC26-05D3
2/8
DocID029603 Rev 1
1
Characteristics
Table 1: Absolute maximum ratings (limiting values)
Symbol
Parameter
Value
Unit
PIN
Input power RFIN
20
dBm
VESD
ESD ratings MIL STD883C (HBM: C = 100 pF, R = 1.5 Ω,
air discharge)
900
V
ESD ratings machine model (MM: C = 200 pF, R = 25 W, L = 500 nH)
100
TOP
Operating temperature
-40 to +105
°C
Table 2: Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
ZOUT
Nominal differential output impedance
Match to 5x5 CC26xx series
ZIN
Nominal input impedance
50
f
Frequency range (bandwidth)
2400
2500
MHz
IL
Insertion loss in bandwidth
1.2
1.5
dB
RL SE
Single Ended Return loss in bandwidth
-27
-18
dB
RL DIFF
Differential Return loss in bandwidth
-23
-20
dB
Phase_imbal
Phase imbalance
-16
16
°
Ampl_imbal
Amplitude imbalance
-0.3
0.3
dB
H2
Second harmonic rejection
-18
-17
H3
Third harmonic rejection
-37
-35


Similar Part No. - BALF-CC26-05D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-CC25-02D3 STMICROELECTRONICS-BALF-CC25-02D3 Datasheet
616Kb / 11P
   50 ohm, conjugate match to CC2541 transformer balun
More results

Similar Description - BALF-CC26-05D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-112X-02D3 STMICROELECTRONICS-BALF-112X-02D3 Datasheet
639Kb / 12P
   50 ohm nominal input / conjugate match balun CC1120, CC1125, 433 MHz, with integrated harmonic filter
July 2016 Rev 1
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
   50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
July 2016 Rev 1
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
735Kb / 11P
   50 ohm nominal input / conjugate match to BlueNRG tranceiver,with integrated harmonic filter
June 2017 Rev 1
BAL-CW1250D3 STMICROELECTRONICS-BAL-CW1250D3 Datasheet
506Kb / 10P
   50 ??nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
September 2015 Rev 2
BALF-NRF01D3 STMICROELECTRONICS-BALF-NRF01D3 Datasheet
621Kb / 11P
   50 ??nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter
June 2014 Rev 2
BALFHB-WL-06D3 STMICROELECTRONICS-BALFHB-WL-06D3 Datasheet
2Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFLB-WL-07D3 STMICROELECTRONICS-BALFLB-WL-07D3 Datasheet
3Mb / 13P
   50 Ω nominal input / conjugate match balun to BGA-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFHB-WL-05D3 STMICROELECTRONICS-BALFHB-WL-05D3 Datasheet
3Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFLB-WL-08D3 STMICROELECTRONICS-BALFLB-WL-08D3 Datasheet
3Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFLB-WL-09D3 STMICROELECTRONICS-BALFLB-WL-09D3 Datasheet
2Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
Rev 2 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com