Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM862R Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SDM862R
Description  16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SDM862R Datasheet(HTML) 1 Page - Burr-Brown (TI)

  SDM862R Datasheet HTML 1Page - Burr-Brown (TI) SDM862R Datasheet HTML 2Page - Burr-Brown (TI) SDM862R Datasheet HTML 3Page - Burr-Brown (TI) SDM862R Datasheet HTML 4Page - Burr-Brown (TI) SDM862R Datasheet HTML 5Page - Burr-Brown (TI) SDM862R Datasheet HTML 6Page - Burr-Brown (TI) SDM862R Datasheet HTML 7Page - Burr-Brown (TI) SDM862R Datasheet HTML 8Page - Burr-Brown (TI) SDM862R Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
FEATURES
q COMPLETE 12-BIT DATA ACQUISITION
SYSTEM IN A MINIATURE PACKAGE
q INPUT RANGES SELECTABLE FOR
UNIPOLAR OR BIPOLAR OPERATION
q THROUGHPUT RATES:
862/3
872/3
8-BIT ACCURACY:
45kHz
67kHz
12-BIT ACCURACY:
33kHz
50kHz
q SELECTABLE GAINS OF 1, 10, AND 100
q FULL MICROPROCESSOR COMPATIBLE
INTERFACE
q GUARANTEED NO MISSING CODES OVER
TEMPERATURE
q SURFACE-MOUNT OR PIN GRID ARRAY
PACKAGE OPTIONS
q HIGH RELIABILITY SCREENED VERSIONS
AVAILABLE
q FULL SPECIFICATION OVER THREE
TEMPERATURE RANGES:
0 to +70
°C, –25 to +85°C, –55 to +125°C
q EVERY UNIT SUPPLIED WITH
ELECTRICAL TEST DATA
APPLICATIONS
q INDUSTRIAL PROCESS MONITORING
q AIRBORNE SYSTEMS MONITORING
q ENGINE MONITORING
FPO
43%
q POWER PLANT MONITORING
q SECURITY SYSTEMS MONITORING
q AUTOMATIC TEST EQUIPMENT
DESCRIPTION
16 Single-Ended Inputs: SDM862
SDM872
8 Differential Inputs:
SDM863
SDM873
33kHz Throughput Rate: SDM862
SDM863
50kHz Throughput Rate: SDM872
SDM873
The SDM components are complete, pin-compatible,
data acquisition systems housed in a hermetically sealed
1"-square leadless chip carrier or a 1.1"-square pin grid
array. The small package outlines and low power con-
sumption provide an ideal data acquisition solution
when space is at a premium.
The devices comprise of an input multiplexer, instru-
mentation amplifier with selectable gains, sample/hold
amplifier and A/D converter with microprocessor inter-
face and three-state buffers.
The SDM family will accept unipolar or bipolar voltage
inputs in the range 0 to +10V,
±5V and ±10V. For low-
level signals, jumper-selectable gains of 10 or 100 can
be applied. The number of input channels can be ex-
panded by the addition of multiplexers. System integra-
tion is simplified by the microprocessor interface and
the facility of the sample/hold amplifier being con-
trolled directly by the A/D converter.
INA
16 CH
MUX
S/H
ADC
12 Bits
DIGITAL
ANALOG
862/872
863/873
8 CH
8 CH
FPO 46%
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
®
SDM862
SDM863
SDM872
SDM873
16 Single Ended/8 Differential Input
12-BIT DATA ACQUISITION SYSTEMS
© 1988 Burr-Brown Corporation
PDS-686F
Printed in U.S.A. August, 1993


Similar Part No. - SDM862R

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - SDM862R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Murata Manufacturing Co...
HDAS8-16 MURATA-HDAS8-16 Datasheet
216Kb / 7P
   12-Bit, 50kHz, Complete Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX7651 MAXIM-MAX7651 Datasheet
479Kb / 36P
   Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com