Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM862S Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SDM862S
Description  16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SDM862S Datasheet(HTML) 4 Page - Burr-Brown (TI)

  SDM862S Datasheet HTML 1Page - Burr-Brown (TI) SDM862S Datasheet HTML 2Page - Burr-Brown (TI) SDM862S Datasheet HTML 3Page - Burr-Brown (TI) SDM862S Datasheet HTML 4Page - Burr-Brown (TI) SDM862S Datasheet HTML 5Page - Burr-Brown (TI) SDM862S Datasheet HTML 6Page - Burr-Brown (TI) SDM862S Datasheet HTML 7Page - Burr-Brown (TI) SDM862S Datasheet HTML 8Page - Burr-Brown (TI) SDM862S Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
®
SDM862/863/872/873
4
DIGITAL TIMING
CONVERSION CYCLE TIMING
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONVERT MODE
tdsc
Status Delay from CE
100
200
ns
thec
CE Pulse Width
50
30
ns
tssc
CS to CE Setup
50
20
ns
thsc
CS Low During CE High
50
20
ns
tsrc
R/C to CE Setup
50
0
ns
thrc
R/C Low During CE High
50
20
ns
tsac
Byte Select to CE Setup
0
0
ns
thac
Byte Selected Valid During CE High 50
20
ns
tc 86X
Conversion Time: 12 Bit Cycle
9
20
25
µs
8 Bit Cycle
6
13
17
µs
tc 87X
Conversion Time: 12 Bit Cycle
9
12
15
µs
8 Bit Cycle
6
8
10
µs
READ MODE
tdd
Access Time from CE
75
150
ns
thd
Data Valid after CE Low
25
35
ns
thl
Output Float Delay
100
150
ns
tssr
CS to CE Setup
50
0
ns
tsrr
R/C to CE Setup
0
0
ns
tsar
Byte Select to CE Setup
50
25
ns
thsr
CS Valid after CE Low
0
0
ns
thrr
R/C High after CE Low
0
0
ns
thar
Byte Select Valid after CE Low
50
25
ns
ths 86X
Status Delay after Data Valid
100
500
1000
ns
ths 87X
Status Delay after Data Valid
100
300
600
ns
ABSOLUTE MAXIMUM RATINGS(1)
+VCC to ACOM .................................................................... –0.5V to +16V
–VCC to ACOM ....................................................................... +0.5 to –16V
+VDD to DCOM ................................................................... –0.5V to +7.0V
Analog Input Signal Range ................................ +VCC +20V to –VCC –20V
Digital Input Signal ............................................................... –0.5V to +VDD
ACOM to DCOM ..................................................................................
±1V
DBO
CE
t
HEC
t
SSC
t
SRC
t
HSC
t
HRC
t
HAC
t
SAC
t
DSC
t
C
High Impedance
CS
R/C
STS
DB11–
Byte
Select
NOTE: (1) Absolute maximum ratings are limiting values applied individually,
beyond which the serviceability of the circuit may be impaired. Functions
operation under any of these conditions is not necessarily implied.
/QM HIGH RELIABILITY SCREENING
High Power Internal
Visual Inspection .......................................... Burr-Brown Spec. QC2010
Stabilization Bake ............................................................. 24Hr at +150
°C
Temperature Cycling ...................................... 10 Cycles –65
°C to +150°C
Constant Acceleration .......................................................... 30kG, Y1 axis
Hermeticity Fine Leak ................................................. Helium 5 x 10–8cc/s
Hermeticity Gross Leak ......................................................... Fluorocarbon
Burn-In ............................................................................ 160Hr at +125
°C
READ CYCLE TIMING
CE
t
SSR
t
SRR
t
HRR
t
HS
t
HD
High-Z
CS
R/C
t
HSR
t
HAR
t
SAR
Data Valid
t
HL
t
DD
STS
Byte
Select
DB11–
DBO


Similar Part No. - SDM862S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - SDM862S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Murata Manufacturing Co...
HDAS8-16 MURATA-HDAS8-16 Datasheet
216Kb / 7P
   12-Bit, 50kHz, Complete Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX7651 MAXIM-MAX7651 Datasheet
479Kb / 36P
   Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com