Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

543382-8 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 543382-8
Description  Insertion/Extraction Tool 91285-1
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

543382-8 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  543382-8 Datasheet HTML 1Page - TE Connectivity Ltd 543382-8 Datasheet HTML 2Page - TE Connectivity Ltd 543382-8 Datasheet HTML 3Page - TE Connectivity Ltd 543382-8 Datasheet HTML 4Page - TE Connectivity Ltd 543382-8 Datasheet HTML 5Page - TE Connectivity Ltd 543382-8 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
408-9404
3 of 6
Rev D
2. Slide thumb over the wire toward the end of the
tip.
NOTE
The wire must be positioned inside the wire slot of the
tip.
3. Slide tip over contact wire barrel until the tip butts
against the contact shoulder.
4. Align contact with the BACK of the contact cavity.
Push contact straight into the contact cavity until the
contact bottoms.
5. Remove the insertion tool; then pull back on the
wire to ensure that the contact is locked into the
contact cavity.
4.2. Extracting A Wire Crimped Contact (Figure 4)
1. Position tool handle between thumb and
fingertips, and align contact wire with the wire slot
on the tip. Hold wire in this position with your thumb.
2. Slide your thumb over the wire toward the end of
the insertion tip.
NOTE
The wire must be positioned inside the wire slot of the
tip.
3. Place tip over the contact post or crimp barrel and
slide the tip straight into the contact cavity until the
tip bottoms against the contact shoulder.
4. Holding the wire tight against the tool handle, pull
back on the tool handle to extract the contact. If you
experience difficulty in extracting the contact, repeat
Steps 1 through 4.
4.3. Inserting A Posted Contact (Figure 5)
1. Place the contact in the contact cavity. Do NOT
push on the contact post.
2. Position the tip over the contact post. Move the
tool along the post until the tip butts against the
contact stabilizer. Align the tip on the stabilizer as
shown in Figure 5.
3. Hold the tool handle, and push the contact post to
make certain that the contact is locked in the cavity.
NOTE
Contacts with tail lengths longer than 10.85 mm [.427
in.] must use yellow color coded insertion tips.
Figure 4
NOTE
i
NOTE
i
NOTE
i
Back of Receptacle
Connector 205439-1 (Ref)
Wire
Slot
Slide Extraction Tip Over
Contact Post or Crimp
Barrel
Extraction Handle
Wire


Similar Part No. - 543382-8

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5433820 PHOENIX-5433820 Datasheet
61Kb / 3P
   Printed-circuit board connector - BCH-508HS-18 GY
More results

Similar Description - 543382-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1485 ETC2-1485 Datasheet
37Kb / 1P
   Insertion/Extraction Tool
logo
Molex Electronics Ltd.
0570056000 MOLEX-0570056000 Datasheet
31Kb / 1P
   Hand Insertion Tool/Hand Extraction Tool
08/26/2022
logo
TE Connectivity Ltd
408-10376 TEC-408-10376 Datasheet
90Kb / 2P
   Extraction Tool 2063388- 1
408-32089 TEC-408-32089 Datasheet
98Kb / 2P
   Extraction Tool Assembly 2161640-1
408-32201 TEC-408-32201 Datasheet
437Kb / 2P
   Extraction Tool NanoMQS 2280687-1
logo
Molex Electronics Ltd.
11-03-0001 MOLEX11-11-03-0001 Datasheet
25Kb / 1P
   Extraction Tool
11-03-0046 MOLEX11-11-03-0046 Datasheet
25Kb / 1P
   Extraction Tool
0011030010 MOLEX1-0011030010 Datasheet
25Kb / 1P
   Extraction Tool
11-03-0044 MOLEX11-11-03-0044 Datasheet
42Kb / 1P
   Extraction Tool
logo
TE Connectivity Ltd
C-8-1579008-4 TEC-C-8-1579008-4 Datasheet
114Kb / 1P
   EXTRACTION TOOL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com