Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3202 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3202
Description  Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3202 Datasheet(HTML) 1 Page - Seme LAB

  2N3202 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N3202
Bipolar PNP Device.
V
CEO =
40V
I
C = 3A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
40
V
I
C(CONT)
3
A
h
FE
@ 2.0/1.0 (V
CE / IC)
20
60
-
f
t
1.0M
Hz
P
D
8.7
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar PNP Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - 2N3202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N320 ETC1-2N320 Datasheet
267Kb / 3P
   alloy-junction germanium transistors
logo
American Microsemicondu...
2N320 AMMSEMI-2N320 Datasheet
1Mb / 2P
   GERMAIUM PNP MESA TRANSISTORS
logo
STMicroelectronics
2N3209 STMICROELECTRONICS-2N3209 Datasheet
113Kb / 4P
   HIGH-SPEED SATURATED SWITCHES
logo
Central Semiconductor C...
2N3209 CENTRAL-2N3209 Datasheet
33Kb / 1P
   Small Signal Transistors
logo
Seme LAB
2N3209 SEME-LAB-2N3209 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
More results

Similar Description - 2N3202

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BC460-4 SEME-LAB-BC460-4 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
SF_2N5675 SEME-LAB-SF_2N5675 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
SF_CV9507 SEME-LAB-SF_CV9507 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
BFT81 SEME-LAB-BFT81 Datasheet
43Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package.
2N5864 SEME-LAB-2N5864 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package.
BFT44S SEME-LAB-BFT44S Datasheet
18Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
V410A SEME-LAB-V410A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
2N3467 SEME-LAB-2N3467 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
BUY91 SEME-LAB-BUY91 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
SF_2N1991 SEME-LAB-SF_2N1991 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
SF_2N2904A SEME-LAB-SF_2N2904A Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com