Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2226098-1 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 2226098-1
Description  Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2226098-1 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 2226098-1 Datasheet HTML 3Page - TE Connectivity Ltd 2226098-1 Datasheet HTML 4Page - TE Connectivity Ltd 2226098-1 Datasheet HTML 5Page - TE Connectivity Ltd 2226098-1 Datasheet HTML 6Page - TE Connectivity Ltd 2226098-1 Datasheet HTML 7Page - TE Connectivity Ltd 2226098-1 Datasheet HTML 8Page - TE Connectivity Ltd 2226098-1 Datasheet HTML 9Page - TE Connectivity Ltd 2226098-1 Datasheet HTML 10Page - TE Connectivity Ltd 2226098-1 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
408-32087
Rev K
7 of 17
TOOL
TERMINAL
WIRE
SIZE
(AWG)
HYDR
HEAD
DIE
SET
HYDR
PUMP
PUMP
VOLT
HYDR
PRESS
NEST
WIRE
SUPPORT
ANVIL
WIRE
SUPPORT
ANVIL
TONGUE
SUPPORT
(STRAIGHT
TONGUE)
TE PART
NO.
DESCRIPTION
1/0
69066
68010-3
69120-1
110
8200
2217323-5
2217324-5
2217326-5
2102572-1
Straight, Single Hole
1/0
69066
68010-3
69120-1
110
8200
2217323-5
2217324-5
---
2226082-1
Splice, Butt
1/0
58422-1
68010-3
69120-1
110
8200
2217323-5
2217324-5
2217326-5
2102580-1
Straight, Dual Hole
1/0
58422-1
68010-3
69120-1
110
8200
2217323-5
2217324-5
2217326-5
2102965-1
Flag
1/0
58422-1
68010-3
69120-1
110
8200
2217323-5
2217324-5
2217326-5
2226095-1
Hammerhead
1/0
58422-1
68010-3
69120-1
110
8200
2217323-5
2217324-5
2217326-5
2102572-1
Straight, Single Hole
1/0
58422-1
68010-3
69120-1
110
8200
2217323-5
2217324-5
---
2226082-1
Splice, Butt
1/0
69066
68010-3
69120-2
220
8200
2217323-5
2217324-5
2217326-5
2102965-1
Flag
1/0
69066
68010-3
69120-2
220
8200
2217323-5
2217324-5
---
2102973-1
Bent, (90°) Flag
1/0
69066
68010-3
69120-2
220
8200
2217323-5
2217324-5
2217326-5
2226095-1
Hammerhead
1/0
69066
68010-3
69120-2
220
8200
2217323-5
2217324-5
---
2226099-1
Bent, (90°) Hammerhead
1/0
69066
68010-3
69120-2
220
8200
2217323-5
2217324-5
2217326-5
2102572-1
Straight, Single Hole
1/0
69066
68010-3
69120-2
220
8200
2217323-5
2217324-5
---
2226082-1
Splice, Butt
1/0
58422-1
68010-3
69120-2
220
8200
2217323-5
2217324-5
2217326-5
2102580-1
Straight, Dual Hole
1/0
58422-1
68010-3
69120-2
220
8200
2217323-5
2217324-5
2217326-5
2102965-1
Flag
1/0
58422-1
68010-3
69120-2
220
8200
2217323-5
2217324-5
2217326-5
2226095-1
Hammerhead
1/0
58422-1
68010-3
69120-2
220
8200
2217323-5
2217324-5
2217326-5
2102572-1
Straight, Single Hole
1/0
58422-1
68010-3
69120-2
220
8200
2217323-5
2217324-5
---
2226082-1
Splice, Butt
1/0
1752877-1
68010-3
1804700-1
110
10000
2217323-5
2217324-5
2217326-5
2102580-1
Straight, Dual Hole
1/0
1752877-1
68010-3
1804700-1
110
10000
2217323-5
2217324-5
2217326-5
2102965-1
Flag
1/0
1752877-1
68010-3
1804700-1
110
10000
2217323-5
2217324-5
---
2102973-1
Bent, (90°) Flag
1/0
1752877-1
68010-3
1804700-1
110
10000
2217323-5
2217324-5
2217326-5
2226095-1
Hammerhead
1/0
1752877-1
68010-3
1804700-1
110
10000
2217323-5
2217324-5
---
2226099-1
Bent, (90°) Hammerhead
1/0
1752877-1
68010-3
1804700-1
110
10000
2217323-5
2217324-5
2217326-5
2102572-1
Straight, Single Hole
1/0
1752877-1
68010-3
1804700-1
110
10000
2217323-5
2217324-5
---
2226082-1
Splice, Butt
1/0
1752787-1
68010-3
1804700-1
110
10000
2217323-5
2217324-5
2217326-5
2102580-1
Straight, Dual Hole
1/0
1752787-1
68010-3
1804700-1
110
10000
2217323-5
2217324-5
2217326-5
2102965-1
Flag
1/0
1752787-1
68010-3
1804700-1
110
10000
2217323-5
2217324-5
2217326-5
2226095-1
Hammerhead
1/0
1752787-1
68010-3
1804700-1
110
10000
2217323-5
2217324-5
2217326-5
2102572-1
Straight, Single Hole
1/0
1752787-1
68010-3
1804700-1
110
10000
2217323-5
2217324-5
---
2226082-1
Splice, Butt
Figure 3 (cont’d)


Similar Part No. - 2226098-1

ManufacturerPart #DatasheetDescription
logo
Lapp.
22260995 LAPP-22260995 Datasheet
425Kb / 4P
   EPIC® SENSOR M12
13.01.2016
22260996 LAPP-22260996 Datasheet
425Kb / 4P
   EPIC® SENSOR M12
13.01.2016
22260997 LAPP-22260997 Datasheet
425Kb / 4P
   EPIC® SENSOR M12
13.01.2016
More results

Similar Description - 2226098-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2423 TEC-408-2423 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
   Application and Maintenance for Crimping Die Assemblies
logo
Tyco Electronics
68041 MACOM-68041 Datasheet
441Kb / 12P
   COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
logo
TE Connectivity Ltd
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
   Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com