Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHB21N65EF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIHB21N65EF
Description  E Series Power MOSFET with Fast Body Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHB21N65EF Datasheet(HTML) 4 Page - Vishay Siliconix

  SIHB21N65EF Datasheet HTML 1Page - Vishay Siliconix SIHB21N65EF Datasheet HTML 2Page - Vishay Siliconix SIHB21N65EF Datasheet HTML 3Page - Vishay Siliconix SIHB21N65EF Datasheet HTML 4Page - Vishay Siliconix SIHB21N65EF Datasheet HTML 5Page - Vishay Siliconix SIHB21N65EF Datasheet HTML 6Page - Vishay Siliconix SIHB21N65EF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SiHB21N65EF
www.vishay.com
Vishay Siliconix
S15-2686-Rev. A, 16-Nov-15
4
Document Number: 91606
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 8 - Typical Source-Drain Diode Forward Voltage
Fig. 9 - Maximum Safe Operating Area
Fig. 10 - Maximum Drain Current vs. Case Temperature
Fig. 11 - Temperature vs. Drain-to-Source Voltage
Qg, Total Gate Charge (nC)
16
4
0
60
120
0
24
20
12
8
30
90
V
DS = 520 V
V
DS = 325 V
V
DS = 130 V
150
VSD, Source-Drain Voltage (V)
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
T
J = 150 °C
T
J = 25 °C
V
GS = 0 V
V
DS, Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
I
DM Limited
BVDSS Limited
100 μs
1 ms
10 ms
TC = 25 °C
TJ = 150 °C
Single Pulse
Limited by R
DS(on)*
0.01
0.1
1
10
100
1
10
100
1000
Operation in this Area
Limited by R
DS(on)
TJ, Case Temperature (°C)
5
10
15
20
25
25
50
75
100
125
150
0
TJ, Junction Temperature (°C)
- 60
0
160
- 40 - 20
20
40
60
80 100 120 140
650
675
700
725
750
775
800
825
850
ID = 10 mA


Similar Part No. - SIHB21N65EF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SIHB21N65EF ISC-SIHB21N65EF Datasheet
322Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHB21N65EF VISHAY-SIHB21N65EF Datasheet
169Kb / 7P
   E Series Power MOSFET with Fast Body Diode
08-Feb-17
SIHB21N65EF-GE3 VISHAY-SIHB21N65EF-GE3 Datasheet
169Kb / 7P
   E Series Power MOSFET with Fast Body Diode
08-Feb-17
SIHB21N65EF VISHAY-SIHB21N65EF_V01 Datasheet
169Kb / 7P
   E Series Power MOSFET with Fast Body Diode
08-Feb-17
More results

Similar Description - SIHB21N65EF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHB24N65EF VISHAY-SIHB24N65EF Datasheet
167Kb / 7P
   E Series Power MOSFET with Fast Body Diode
Rev. B, 27-Feb-17
SIHH14N65EF VISHAY-SIHH14N65EF Datasheet
184Kb / 9P
   E Series Power MOSFET with Fast Body Diode
Rev. A, 15-Feb-16
SIHG21N65EF VISHAY-SIHG21N65EF_V01 Datasheet
224Kb / 10P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHG28N65EF VISHAY-SIHG28N65EF_V01 Datasheet
208Kb / 10P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH24N65EF VISHAY-SIHH24N65EF_V01 Datasheet
201Kb / 9P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SQW44N65EF VISHAY-SQW44N65EF Datasheet
321Kb / 8P
   E Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHP28N65EF VISHAY-SIHP28N65EF_V01 Datasheet
145Kb / 7P
   E Series Power MOSFET with Fast Body Diode
08-Feb-17
SIHA21N65EF VISHAY-SIHA21N65EF_V01 Datasheet
180Kb / 8P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SQW44N65EF VISHAY-SQW44N65EF_V01 Datasheet
321Kb / 8P
   E Series Power MOSFET With Fast Body Diode
01-Jan-2023
SIHG47N60EF VISHAY-SIHG47N60EF Datasheet
152Kb / 7P
   E Series Power MOSFET with Fast Body Diode
Rev. D, 28-Oct-13
SIHH11N65EF VISHAY-SIHH11N65EF Datasheet
200Kb / 9P
   E Series Power MOSFET with Fast Body Diode
Rev. A, 21-Mar-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com