Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE94112EL Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE94112EL
Description  a protected twelve-fold half-bridge driver designed especially for automotive motion control applications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE94112EL Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE94112EL Datasheet HTML 7Page - Infineon Technologies AG TLE94112EL Datasheet HTML 8Page - Infineon Technologies AG TLE94112EL Datasheet HTML 9Page - Infineon Technologies AG TLE94112EL Datasheet HTML 10Page - Infineon Technologies AG TLE94112EL Datasheet HTML 11Page - Infineon Technologies AG TLE94112EL Datasheet HTML 12Page - Infineon Technologies AG TLE94112EL Datasheet HTML 13Page - Infineon Technologies AG TLE94112EL Datasheet HTML 14Page - Infineon Technologies AG TLE94112EL Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
Data Sheet
11
1.0
2016-08-27
TLE94112EL
General Product Characteristics
3.2
Functional Range
Note:
Within the normal functional range the IC operates as described in the circuit description. The
electrical characteristics are specified within the conditions given in the related electrical
characteristics table.
Table 3
Functional Range
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ. Max.
Supply voltage range for
normal operation
VS(nor)
5.5
18
V
P_4.2.1
Extended supply voltage range VS(ext)
18
20
V
1)2)
1) Not subject to production test, specified by design.
2) In the extended supply range, the device is still functional. However, deviations of the specified electrical
characteristics are possible.
P_4.2.7
Logic supply voltage range for
normal operation
VDD
3.0
5.5
V
P_4.2.3
Logic input voltages
(SDI, SCLK, CSN, EN)
VSDI,
VSCLK,
VCSN, VEN
-0.3
5.5
V
P_4.2.4
Junction temperature
Tj
-40
150
°C
P_4.2.5


Similar Part No. - TLE94112EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE94112ES INFINEON-TLE94112ES Datasheet
2Mb / 80P
   Twelve half bridge power outputs
Data Sheet 1.0 2020-09-29
TLE94112ES INFINEON-TLE94112ES Datasheet
617Kb / 2P
   TLE94xyz DC motor driver family Integrated multi half-bridge driver ICs
03 / 2020
TLE94112ESXUMA1 INFINEON-TLE94112ESXUMA1 Datasheet
617Kb / 2P
   TLE94xyz DC motor driver family Integrated multi half-bridge driver ICs
03 / 2020
More results

Similar Description - TLE94112EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE94110EL INFINEON-TLE94110EL Datasheet
2Mb / 80P
   a protected ten-fold half-bridge driver designed especially for automotive motion control applications
1.0 2016-08-27
TLE94108EL INFINEON-TLE94108EL Datasheet
2Mb / 76P
   a protected eight-fold half-bridge driver designed especially for automotive motion control applications
1.0 2016-08-27
TLE94003EP INFINEON-TLE94003EP Datasheet
1Mb / 38P
   protected triple half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
TLE94004EP INFINEON-TLE94004EP Datasheet
1Mb / 35P
   protected quad half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
TLE94103EP INFINEON-TLE94103EP Datasheet
1Mb / 64P
   protected triple half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
TLE94104EP INFINEON-TLE94104EP Datasheet
1Mb / 63P
   protected quad half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
logo
Mitsubishi Electric Sem...
M81729JFP MITSUBISHI-M81729JFP Datasheet
183Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER FOR AUTOMOTIVE APPLICATIONS
logo
Infineon Technologies A...
TLE94112ES INFINEON-TLE94112ES Datasheet
2Mb / 80P
   Twelve half bridge power outputs
Data Sheet 1.0 2020-09-29
logo
International Rectifier
IRFS4321-7PPBF IRF-IRFS4321-7PPBF Datasheet
410Kb / 10P
   Motion Control Applications
IRFP4321PBF IRF-IRFP4321PBF_15 Datasheet
297Kb / 9P
   Motion Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com