Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE94110EL Datasheet(PDF) 66 Page - Infineon Technologies AG

Part # TLE94110EL
Description  a protected ten-fold half-bridge driver designed especially for automotive motion control applications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE94110EL Datasheet(HTML) 66 Page - Infineon Technologies AG

Back Button TLE94110EL Datasheet HTML 62Page - Infineon Technologies AG TLE94110EL Datasheet HTML 63Page - Infineon Technologies AG TLE94110EL Datasheet HTML 64Page - Infineon Technologies AG TLE94110EL Datasheet HTML 65Page - Infineon Technologies AG TLE94110EL Datasheet HTML 66Page - Infineon Technologies AG TLE94110EL Datasheet HTML 67Page - Infineon Technologies AG TLE94110EL Datasheet HTML 68Page - Infineon Technologies AG TLE94110EL Datasheet HTML 69Page - Infineon Technologies AG TLE94110EL Datasheet HTML 70Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
Data Sheet
66
1.0
2016-08-27
TLE94110EL
Serial Peripheral Interface (SPI)
7.7.1
Status register definition
Note:
The LE bit in the Global Status register is read only. It reflects an OR combination of the respective
open load and overcurrent errors of the half-bridge channels. If all OC/ OL bits of the respective high-
side and low-side channels are cleared to ‘0’, the LE bit will be automatically updated to ‘0’.
SYS_DIAG1
Global status 1 (Address Byte [OP]001 10[LABT]1B)
D7
D6
D5
D4
D3
D2
D1
D0
SPI_ERR
LE
VS_UV
VS_OV
NPOR
TSD
TPW
reserved
r
rc
r
rcrcrcrc
rc
r
Field
Bits
Type
Description
SPI_ERR
D7
rc
SPI error detection
0B
No SPI protocol error is detected (default value).
1B
An SPI protocol error is detected.
LE
D6
r
Load error detection (logic OR combination of Open Load and
Overcurrent)
0B
No Open Load and no Overcurrent detected (default value)
1B
Open Load or Overcurrent detected in at least one of the
power outputs. Error latched. Faulty output is latched off in
case of Overcurrent
VS_UV
D5
rc
VS Undervoltage error detection
0B
No undervoltage on VS detected (default value)
1B
Undervoltage on VS detected. Error latched and all outputs
disabled.
VS_OV
D4
rc
VS Overvoltage error detection
0B
No overvoltage on VS detected (default value)
1B
Overvoltage on VS detected. Error latched and all outputs
disabled.
NPOR
D3
rc
Not Power On Reset (NPOR) detection
0B
POR on EN or VDD supply rail (default value)
1B
No POR
TSD
D2
rc
Temperature shutdown error detection
0B
Junction temperature below temperature shutdown
threshold (default value)
1B
Junction temperature has reached temperature shutdown
threshold. Error latched and all outputs disabled.
TPW
D1
rc
Temperature pre-warning error detection
0B
Junction temperature below temperature pre-warning
threshold (default value)
1B
Junction temperature has reached temperature pre-warning
threshold.
reserved
D0
r
Bit reserved. Always reads ‘0’.


Similar Part No. - TLE94110EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE94110ES INFINEON-TLE94110ES Datasheet
2Mb / 80P
   Ten half bridge power outputs
Data Sheet 1.0 2020-09-29
TLE94110ES INFINEON-TLE94110ES Datasheet
617Kb / 2P
   TLE94xyz DC motor driver family Integrated multi half-bridge driver ICs
03 / 2020
TLE94110ESXUMA1 INFINEON-TLE94110ESXUMA1 Datasheet
617Kb / 2P
   TLE94xyz DC motor driver family Integrated multi half-bridge driver ICs
03 / 2020
More results

Similar Description - TLE94110EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE94108EL INFINEON-TLE94108EL Datasheet
2Mb / 76P
   a protected eight-fold half-bridge driver designed especially for automotive motion control applications
1.0 2016-08-27
TLE94112EL INFINEON-TLE94112EL Datasheet
2Mb / 80P
   a protected twelve-fold half-bridge driver designed especially for automotive motion control applications
1.0 2016-08-27
TLE94003EP INFINEON-TLE94003EP Datasheet
1Mb / 38P
   protected triple half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
TLE94004EP INFINEON-TLE94004EP Datasheet
1Mb / 35P
   protected quad half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
TLE94103EP INFINEON-TLE94103EP Datasheet
1Mb / 64P
   protected triple half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
TLE94104EP INFINEON-TLE94104EP Datasheet
1Mb / 63P
   protected quad half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
logo
Mitsubishi Electric Sem...
M81729JFP MITSUBISHI-M81729JFP Datasheet
183Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER FOR AUTOMOTIVE APPLICATIONS
logo
Infineon Technologies A...
TLE94110ES INFINEON-TLE94110ES Datasheet
2Mb / 80P
   Ten half bridge power outputs
Data Sheet 1.0 2020-09-29
logo
International Rectifier
IRFS4321-7PPBF IRF-IRFS4321-7PPBF Datasheet
410Kb / 10P
   Motion Control Applications
IRFP4321PBF IRF-IRFP4321PBF_15 Datasheet
297Kb / 9P
   Motion Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com