Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE94110EL Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE94110EL
Description  a protected ten-fold half-bridge driver designed especially for automotive motion control applications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE94110EL Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE94110EL Datasheet HTML 11Page - Infineon Technologies AG TLE94110EL Datasheet HTML 12Page - Infineon Technologies AG TLE94110EL Datasheet HTML 13Page - Infineon Technologies AG TLE94110EL Datasheet HTML 14Page - Infineon Technologies AG TLE94110EL Datasheet HTML 15Page - Infineon Technologies AG TLE94110EL Datasheet HTML 16Page - Infineon Technologies AG TLE94110EL Datasheet HTML 17Page - Infineon Technologies AG TLE94110EL Datasheet HTML 18Page - Infineon Technologies AG TLE94110EL Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
Data Sheet
15
1.0
2016-08-27
TLE94110EL
General Product Characteristics
Output delay time high side
driver on
tdONH
520
35
µs
Resistive load =
100Ω to GND
P_4.4.37
Output delay time high side
driver off
tdOFFH
15
45
75
µs
Resistive load =
100Ω to GND
P_4.4.38
Output delay time low side
driver on
tdONL
520
35
µs
Resistive load =
100Ω to VS
P_4.4.39
Output delay time low side
driver off
tdOFFL
15
45
75
µs
Resistive load =
100Ω to VS
P_4.4.40
Cross current protection time,
high to low
tDHL
100
130
160
µs
Resistive load =
100Ω3)
P_4.4.41
Cross current protection time,
low to high
tDLH
100
130
160
µs
Resistive load =
100Ω3)
P_4.4.42
Input Interface: Logic Input EN
High-input voltage
VENH
0.7 *
VDD
––
V
P_4.4.43
Low-input voltage
VENL
0.3 *
VDD
V–
P_4.4.44
Hysteresis of input voltage
VENHY
500
mV
3)
P_4.4.45
Pull down resistor
RPD_EN
20
40
70
kΩ
VEN = 0.2 x VDD
P_4.4.46
SPI frequency
Maximum SPI frequency
fSPI,max
––
5.0
MHz
3) 5)
P_4.4.47
SPI INTERFACE: Delay Time from EN rising edge to first Data in
Setup time
tset
150
µs
3) See Figure 14
P_4.4.48
SPI INTERFACE: Input Interface, Logic Inputs SDI, SCLK, CSN
H-input voltage threshold
VIH
0.7 *
VDD
––
V
P_4.4.50
L-input voltage threshold
VIL
0.3 *
VDD
V–
P_4.4.51
Hysteresis of input voltage
VIHY
500
mV
3)
P_4.4.52
Pull up resistor at pin CSN
RPU_CSN
30
50
80
kΩ
VCSN = 0.7 x VDD
P_4.4.53
Pull down resistor at pin SDI,
SCLK
RPD_SDI,
RPD_SCLK
20
40
70
kΩ
VSDI, VSCLK = 0.2 x VDD P_4.4.54
Input capacitance at pin CSN,
SDI or SCLK
CI
–10
15
pF
0V < VDD < 5.25V 3)
P_4.4.55
Input Interface, Logic Output SDO
H-output voltage level
VSDOH
VDD -
0.4
VDD -
0.2
–V
ISDOH = -1.6 mA
P_4.4.56
Table 5
Electrical Characteristics, VS =5.5 V to 18 V, VDD = 3.0V to 5.5V, Tj = -40°C to +150°C, EN= HIGH,
IOUTn= 0 A; Typical values refer to VDD = 5.0 V, VS = 13.5 V and TJ = 25 °C unless otherwise
specified; all voltages with respect to ground, positive current flowing into pin (unless
otherwise specified) (cont’d)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ. Max.


Similar Part No. - TLE94110EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE94110ES INFINEON-TLE94110ES Datasheet
2Mb / 80P
   Ten half bridge power outputs
Data Sheet 1.0 2020-09-29
TLE94110ES INFINEON-TLE94110ES Datasheet
617Kb / 2P
   TLE94xyz DC motor driver family Integrated multi half-bridge driver ICs
03 / 2020
TLE94110ESXUMA1 INFINEON-TLE94110ESXUMA1 Datasheet
617Kb / 2P
   TLE94xyz DC motor driver family Integrated multi half-bridge driver ICs
03 / 2020
More results

Similar Description - TLE94110EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE94108EL INFINEON-TLE94108EL Datasheet
2Mb / 76P
   a protected eight-fold half-bridge driver designed especially for automotive motion control applications
1.0 2016-08-27
TLE94112EL INFINEON-TLE94112EL Datasheet
2Mb / 80P
   a protected twelve-fold half-bridge driver designed especially for automotive motion control applications
1.0 2016-08-27
TLE94003EP INFINEON-TLE94003EP Datasheet
1Mb / 38P
   protected triple half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
TLE94004EP INFINEON-TLE94004EP Datasheet
1Mb / 35P
   protected quad half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
TLE94103EP INFINEON-TLE94103EP Datasheet
1Mb / 64P
   protected triple half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
TLE94104EP INFINEON-TLE94104EP Datasheet
1Mb / 63P
   protected quad half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
logo
Mitsubishi Electric Sem...
M81729JFP MITSUBISHI-M81729JFP Datasheet
183Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER FOR AUTOMOTIVE APPLICATIONS
logo
Infineon Technologies A...
TLE94110ES INFINEON-TLE94110ES Datasheet
2Mb / 80P
   Ten half bridge power outputs
Data Sheet 1.0 2020-09-29
logo
International Rectifier
IRFS4321-7PPBF IRF-IRFS4321-7PPBF Datasheet
410Kb / 10P
   Motion Control Applications
IRFP4321PBF IRF-IRFP4321PBF_15 Datasheet
297Kb / 9P
   Motion Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com