Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6160.0142 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 6160.0142
Description  IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6160.0142 Datasheet(HTML) 3 Page - Schurter Inc.

  6160.0142 Datasheet HTML 1Page - Schurter Inc. 6160.0142 Datasheet HTML 2Page - Schurter Inc. 6160.0142 Datasheet HTML 3Page - Schurter Inc. 6160.0142 Datasheet HTML 4Page - Schurter Inc. 6160.0142 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Connectors (Inlets/Outlets)
2579
www.schurter.com /PG07
Connectors
Terminals orientation B
27.2
(20)
27
(14.8)
15
13.3
3
max.
R1
24.1
+0.20
0
20.1
+0.20
0
24.1
+0.20
0
(24)
max.
R1
E
Panel thickness X = 1.0 / 1.5 / 2.0 / 2.5 / 3.0 mm
E: Solder terminals short: 17.3 mm (L=4.8 mm)
E: Solder terminals long: 21.0 mm (L=8.5 mm)
E: Quick connect terminals 2.8x0.8 mm: 23.3 mm
Config. Code
2579
|-|H|-|A|B|C|0-|D|-|E|G|F|
The characters are placeholders for the correspondingly keys of selections from the key tables.
2579
|-|H|-|A|B|C|0-|D|-|E|G|F| = Type
Type
Configuration
key
protection class II
X
2579
|-|H|-|A|B|C|0-|D|-|E|G|F| = Terminals
Terminal L
Configuration
key
short solder terminal (L = 4.8 mm)
2
long solder terminal (L = 8.5 mm)
3
PCB-terminal standard (additional solder terminal)
4
PCB-terminal short (additional solder terminal)
5
PCB-terminal long (additional solder terminal)
6
Terminal L
Configuration
key
Blade terminal (2.8 x 0.8 mm)
7
Blade terminal (4.8 x 0.8 mm)
8
Blade terminal (6.3 x 0.8 mm)
9
PCB-terminal (standard)
A
PCB-terminal (short)
B
PCB-terminal (long)
C
2579
|-|H|-|A|B|C|0-|D|-|E|G|F| = Terminals


Similar Part No. - 6160.0142

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6160.0142 SCHURTER-6160.0142 Datasheet
404Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
More results

Similar Description - 6160.0142

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2579 SCHURTER-2579_V01 Datasheet
389Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
05.01.2022
2579 SCHURTER-2579_21 Datasheet
389Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2579_1810 SCHURTER-2579_1810 Datasheet
404Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2579 SCHURTER-2579_18 Datasheet
330Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2578 SCHURTER-2578_18 Datasheet
332Kb / 5P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder, PCB or Quick-connect Terminal
2578 SCHURTER-2578_V01 Datasheet
370Kb / 6P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder, PCB or Quick-connect Terminal
05.01.2022
2578 SCHURTER-2578_21 Datasheet
370Kb / 6P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder, PCB or Quick-connect Terminal
2578 SCHURTER-2578 Datasheet
375Kb / 3P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
2577 SCHURTER-2577_18 Datasheet
328Kb / 5P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2577 SCHURTER-2577_16 Datasheet
355Kb / 4P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder, Quick Connect or PCB Terminal
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com