Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE94106EL Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE94106EL
Description  Six half bridge power outputs
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE94106EL Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE94106EL Datasheet HTML 1Page - Infineon Technologies AG TLE94106EL Datasheet HTML 2Page - Infineon Technologies AG TLE94106EL Datasheet HTML 3Page - Infineon Technologies AG TLE94106EL Datasheet HTML 4Page - Infineon Technologies AG TLE94106EL Datasheet HTML 5Page - Infineon Technologies AG TLE94106EL Datasheet HTML 6Page - Infineon Technologies AG TLE94106EL Datasheet HTML 7Page - Infineon Technologies AG TLE94106EL Datasheet HTML 8Page - Infineon Technologies AG TLE94106EL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
Data Sheet
5
1.0
2016-09-08
TLE94106EL
Pin Configuration
1
Pin Configuration
1.1
Pin Assignment
Figure 1
Pin Configuration TLE94106EL
1.2
Pin Definitions and Functions
Pin
Symbol
Function
1
GND
Ground. All ground pins should be externally connected together.
2OUT 1
Power half-bridge 1
3OUT 5
Power half-bridge 5
4
N.C.
Not connected. This pin should either be left open or terminated to ground.
5
SDI
Serial data input with internal pull down
6
VDD
Logic supply voltage
7
SDO
Serial data output
8
EN
Enable with internal pull-down; Places device in standby mode by pulling the EN
line Low
9
N.C.
Not connected. This pin must either be left open or terminated to ground
10
OUT 6
Power half-bridge 6
11
OUT 4
Power half-bridge 4
12
GND
Ground. All ground pins should be externally connected together.
N.C.
OUT 2
NC
VS2
SCLK
CSN
N.C.
SDO
EN
N.C.
OUT 6
OUT 4
GND
GND
OUT 1
OUT 5
N.C.
SDI
VDD
N.C.
VS1
NC
OUT 3
N.C.
18
17
16
15
14
13
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
11
12


Similar Part No. - TLE94106EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE94106ES INFINEON-TLE94106ES Datasheet
1Mb / 75P
   Six half-bridge power outputs
Datasheet 1.0 2018-01-08
TLE94106ES INFINEON-TLE94106ES Datasheet
617Kb / 2P
   TLE94xyz DC motor driver family Integrated multi half-bridge driver ICs
03 / 2020
TLE94106ESXUMA1 INFINEON-TLE94106ESXUMA1 Datasheet
617Kb / 2P
   TLE94xyz DC motor driver family Integrated multi half-bridge driver ICs
03 / 2020
More results

Similar Description - TLE94106EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE94106ES INFINEON-TLE94106ES Datasheet
1Mb / 75P
   Six half-bridge power outputs
Datasheet 1.0 2018-01-08
TLE94108ES INFINEON-TLE94108ES Datasheet
1Mb / 76P
   Eight half bridge power outputs
Data Sheet 1.0 2020-09-29
TLE94110ES INFINEON-TLE94110ES Datasheet
2Mb / 80P
   Ten half bridge power outputs
Data Sheet 1.0 2020-09-29
TLE94112ES INFINEON-TLE94112ES Datasheet
2Mb / 80P
   Twelve half bridge power outputs
Data Sheet 1.0 2020-09-29
TLE6208-6 INFINEON-TLE6208-6 Datasheet
563Kb / 23P
   Hex-Half-Bridge / Double Six-Driver
2001-11-15
TLE6208-6G INFINEON-TLE6208-6G_13 Datasheet
640Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2013-10-17
TLE6208-6G INFINEON-TLE6208-6G_07 Datasheet
709Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2007-09-12
logo
Monolithic Power System...
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
   0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
   0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
logo
Advanced Analogic Techn...
AAT4900 ANALOGICTECH-AAT4900_06 Datasheet
319Kb / 13P
   Buffered Power Half-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com