Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7184F3V Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7184F3V
Description  System IC for B6 motor drives
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7184F3V Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7184F3V Datasheet HTML 3Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 4Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 5Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 6Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 7Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 8Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 9Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 10Page - Infineon Technologies AG TLE7184F3V Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
TLE7184F-3V
Pin Configuration
Datasheet
7
Rev.1.2, 2016-01-27
3.2
Pin Definitions and Functions
Pin
Symbol
Function
5
VS
Supply Pin
7
VREG
Output of supply for driver output stages - connect to capacitor
31
VDD
Output of 3.3V supply for µC - connect to capacitor
2INH
Input pin wake up the complete system IC
47
INHD
Digital output 3.3V for INH state (high when INH is high)
4
VDHS
Switched output of VDH voltage; switch open in sleep mode
33
TEMP
Output pin for analog temperature signal
36
RGS
Reset and Go-to-Sleep input pin for reset of error registers, set HIGH to avoid to go-
to-sleep
38
IL1
Input for low side switch 1 (active high)
37
IH1
Input for high side switch 1 (active low)
40
IL2
Input for low side switch 2 (active high)
39
IH2
Input for high side switch 2 (active low)
42
IL3
Input for low side switch 3(active high)
41
IH3
Input for high side switch 3(active low)
11
DT
Input pin for adjustable dead time function, connect to GND via resistor
9
SCDL
Analog input pin for adjustable Short Circuit Detection function, connect to voltage
divider
28
IOV
Input pin for Over Voltage detection.
34
ERR
Open drain error output
25
VDH
Voltage input common drain high side for short circuit detection
24
BH1
Pin for + terminal of the bootstrap capacitor of phase 1
23
GH1
Output pin for gate of high side MOSFET 1
22
SH1
Pin for source connection of high side MOSFET 1
21
GL1
Output pin for gate of low side MOSFET 1
20
BH2
Pin for + terminal of the bootstrap capacitor of phase 2
19
GH2
Output pin for gate of high side MOSFET 2
18
SH2
Pin for source connection of high side MOSFET 2
17
GL2
Output pin for gate of low side MOSFET 2
16
BH3
Pin for + terminal of the bootstrap capacitor of phase 3
15
GH3
Output pin for gate of high side MOSFET 3
14
SH3
Pin for source connection of high side MOSFET 3
13
GL3
Output pin for gate of low side MOSFET 3
10
SL
Pin for common source connection of low side MOSFETs
44
ISN
Input for OpAmp - terminal
45
ISP
Input for OpAmp + terminal
46
ISO
Output of OpAmp
43
AGND
Analog GND for Opamp and analog temperature output
3
IFMA
Interface to master ECU (used for wake up)
48
IFuC
Interface to µC


Similar Part No. - TLE7184F3V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7184F INFINEON-TLE7184F Datasheet
705Kb / 35P
   System IC for B6 motor drives
Rev. 1.0, Dec. 2008
TLE7184F INFINEON-TLE7184F Datasheet
1Mb / 38P
   System IC for B6 motor drives
Rev. 1.1, 2011-04-08
TLE7184F INFINEON-TLE7184F Datasheet
1Mb / 38P
   System IC for B6 motor drives
Rev. 1.2, 2016-01-28
TLE7184F INFINEON-TLE7184F_15 Datasheet
1Mb / 38P
   System IC for B6 motor drives
Rev. 1.1, 2011-04-08
TLE7184F INFINEON-TLE7184F_16 Datasheet
1Mb / 38P
   System IC for B6 motor drives
Rev. 1.2, 2016-01-28
More results

Similar Description - TLE7184F3V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7184F INFINEON-TLE7184F_15 Datasheet
1Mb / 38P
   System IC for B6 motor drives
Rev. 1.1, 2011-04-08
TLE7186F INFINEON-TLE7186F Datasheet
1Mb / 39P
   System IC for B6 motor drives
Rev. 1.2, 2016-01-28
TLE7184F INFINEON-TLE7184F Datasheet
705Kb / 35P
   System IC for B6 motor drives
Rev. 1.0, Dec. 2008
TLE7184F INFINEON-TLE7184F_16 Datasheet
1Mb / 38P
   System IC for B6 motor drives
Rev. 1.2, 2016-01-28
logo
Sanyo Semicon Device
LA6504H SANYO-LA6504H Datasheet
94Kb / 10P
   Monolithic Linear IC DVD System motor Drives
logo
STMicroelectronics
AN1506 STMICROELECTRONICS-AN1506 Datasheet
144Kb / 14P
   A MOTOR DRIVES SYSTEM FOR WHEELCHAIR APPLICATIONS
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
TLE9561-3QX INFINEON-TLE9561-3QX Datasheet
7Mb / 279P
   DC Motor System IC
Rev. 1.0 2021-01-21
TLE9564QX INFINEON-TLE9564QX Datasheet
6Mb / 228P
   BLDC Motor System IC
Rev. 1.0 2021-01-21
TLE9560-3QX INFINEON-TLE9560-3QX Datasheet
7Mb / 280P
   DC Motor System IC
Rev. 1.0 2021-03-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com