Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS168XDC1 Datasheet(PDF) 5 Page - Schurter Inc.

Part # AS168XDC1
Description  Circuit Breaker for Equipment thermal-magnetic, 1 pole
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AS168XDC1 Datasheet(HTML) 5 Page - Schurter Inc.

  AS168XDC1 Datasheet HTML 1Page - Schurter Inc. AS168XDC1 Datasheet HTML 2Page - Schurter Inc. AS168XDC1 Datasheet HTML 3Page - Schurter Inc. AS168XDC1 Datasheet HTML 4Page - Schurter Inc. AS168XDC1 Datasheet HTML 5Page - Schurter Inc. AS168XDC1 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Thermal-magnetic (TM and AS-line)
AS168XDC1
www.schurter.com /PG20
Circuit Breakers
Version DH / Magnetic 18-32 xln
110
100
1000 x In
0,1ms
1ms
10ms
0,1s
1s
10s
100s
1000s
1hr
Multiple of Rated Current In
Reference Temperature +23°
Config. Code
AS168X-CB
|1|DG|200|N|
The characters are placeholders for the correspondingly keys of selections from the key tables.
AS168X-CB
|1|DG|200|N| = Number of Poles
Number of Poles
Configuration
key
1-pole
1
AS168X-CB
|1|DG|200|N| = Tripping characteristics
Tripping characteristics
Configuration
key
1.05-1.35xIn / 4.5-8xIn / 0.5-50 A
DF
1.05-1.35xIn / 9-16xIn / 0.5-50 A
DG
1.05-1.35xIn / 18-32xIn / 6.0-50 A
DH
AS168X-CB
|1|DG|200|N| = Rated current
Rated current
Configuration
key
0.05 A
005
1.0 A
010
1.5 A
015
2.0 A
020
3.0 A
030
4.0 A
040
5.0 A
050
6.0 A
060
7.0 A
070
Other rated currents on request
Rated current
Configuration
key
8.0 A
080
9.0 A
090
10.0 A
100
12.0 A
120
15.0 A
150
16.0 A
160
18.0 A
180
20.0 A
200
23.0 A
230
25.0 A
250
27.0 A
270
30.0 A
300
32.0 A
320
35.0 A
350
40.0 A
400
45.0 A
450
50.0 A
500
Other rated currents on request
AS168X-CB
|1|DG|200|N| = Switched neutral
Switched neutral
Configuration
key
Switched neutral pole
N


Similar Part No. - AS168XDC1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XDC2 SCHURTER-AS168XDC2 Datasheet
453Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XDC3 SCHURTER-AS168XDC3 Datasheet
455Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 3 poles
More results

Similar Description - AS168XDC1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XAC1 SCHURTER-AS168XAC1 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
T9-311 SCHURTER-T9-311 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-211 SCHURTER-T9-211 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-211 SCHURTER-T9-211_V01 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
04.01.2022
T9-211 SCHURTER-T9-211_V02 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
08.06.2022
TS-701 SCHURTER-TS-701 Datasheet
1Mb / 9P
   Circuit Breaker for Equipment, thermal, Threaded-neck type, 1?pole
TS-709 SCHURTER-TS-709_V02 Datasheet
324Kb / 9P
   Circuit Breaker for Equipment, thermal, Threaded-neck type, 1 pole
09.12.2021
T9-311 SCHURTER-T9-311_18 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com