Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLD5190QV Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLD5190QV
Description  H-Bridge DC/DC Controller for High Power LED Lighting
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD5190QV Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLD5190QV Datasheet HTML 6Page - Infineon Technologies AG TLD5190QV Datasheet HTML 7Page - Infineon Technologies AG TLD5190QV Datasheet HTML 8Page - Infineon Technologies AG TLD5190QV Datasheet HTML 9Page - Infineon Technologies AG TLD5190QV Datasheet HTML 10Page - Infineon Technologies AG TLD5190QV Datasheet HTML 11Page - Infineon Technologies AG TLD5190QV Datasheet HTML 12Page - Infineon Technologies AG TLD5190QV Datasheet HTML 13Page - Infineon Technologies AG TLD5190QV Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Data Sheet
10
Rev. 1.0, 2016-05-20
H-Bridge DC/DC Controller
TLD5190QV
Pin Configuration
36
INOVLO
I
Input Overvoltage Protection Pin;
Define an upper voltage threshold and switches OFF the device in case of
overvoltages on the VIN supply. Must not be left open.
20
VFB
I
Voltage Loop Feedback Pin;
VFB is intended to set output protection functions.
22
SET
I
Analog current sense adjustment Pin;
A voltage
V
SET between 0.2V and 1.5V will adjust the ILED or VOUT in a
linear relation.
37
SPREAD_SPECT
RUM
IPD Spread Spectrum Pin;
This pin is enabling and disabling the SPREAD SPECTRUM function. This
feature is beneficial to improve the EMC performance.
39
IINMON
O
Input current monitor output;
Monitor pin that produces a voltage that is 20 times the voltage VIN1-IN2.
IINMON will be equal 1V when VIIN1-VIIN2=50mV
16
IOUTMON
O
Output current monitor output;
Monitor pin that produces a voltage that is 200mV + 8 times the voltage
VFBH-FBL. IOUTMON will be equal 1.4V when VFBH-FBL = 150mV.
21
VREF
O
PD Voltage Reference Output Pin;
Supplies an accurate 2V output voltage for standalone analog dimming
and LED temperature compensation via external resistors. Bypass with an
external 100nF capacitor close to the pin. Pin must not be left open.
Logic Outputs
27
CLKOUT
O
Clock Output Pin;
Switching Oscillator output signal to supply additional SYNC Inputs of
other DCDC devices (beneficial for standalone operations without µC)
33
EF1
O
Error Flag 1;
An open drain output which is pulled to LOW when an output Short to GND
or Overtemperature occurs
32
EF2
O
Error Flag 2;
An open drain output which is pulled to LOW when an OPEN load,
Overvoltages or Overtemperature occurs
1) O: Output, I: Input,
PD: pull-down circuit integrated,
PU: pull-up circuit integrated
Pin
Symbol
I/O 1)
Function


Similar Part No. - TLD5190QV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5190QV INFINEON-TLD5190QV Datasheet
2Mb / 59P
   H-Bridge DC/DC Controller
Rev. 1.1 2018-02-08
More results

Similar Description - TLD5190QV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5190 INFINEON-TLD5190_18 Datasheet
2Mb / 59P
   H-Bridge DC/DC Controller
Rev. 1.1 2018-02-08
TLD5191ES INFINEON-TLD5191ES Datasheet
1Mb / 43P
   LITIX™ Power H-Bridge DC-DC controller
Rev.1.00 2022-02-18
logo
Rohm
BD521GOFJ ROHM-BD521GOFJ Datasheet
1Mb / 20P
   AC/DC controller IC for LED lighting
logo
Cypress Semiconductor
CY8CLEDAC02 CYPRESS-CY8CLEDAC02 Datasheet
1Mb / 20P
   AC-DC Controller for Dimmable LED Lighting
logo
SIFIRST TECHNOLOGIES NA...
SFL678 SIFIRST-SFL678 Datasheet
49Kb / 2P
   AC/DC PSR Controller for Dimmable LED Lighting
logo
Infineon Technologies A...
TLD5541-1 INFINEON-TLD5541-1_18 Datasheet
3Mb / 81P
   H-Bridge DC/DC Controller with SPI Interface
Rev. 1.1 2018-02-08
TLD5541-1QV INFINEON-TLD5541-1QV Datasheet
4Mb / 82P
   H-Bridge DC/DC Controller with SPI Interface
Rev. 1.0, 2016-05-20
logo
Rohm
BD550FHG ROHM-BD550FHG Datasheet
919Kb / 21P
   AC/DC Controller IC for non-dimmable LED lighting
logo
ON Semiconductor
NCL30059 ONSEMI-NCL30059 Datasheet
178Kb / 16P
   High-Voltage Half-Bridge Controller for LED Lighting Applications
February, 2017 ??Rev. P1
logo
Infineon Technologies A...
ILD1151 INFINEON-ILD1151 Datasheet
1Mb / 42P
   Multitopology High Power LED DC/DC Controller for Industrial Applications
Rev. 1.1, 2012-04-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com