Electronic Components Datasheet Search |
|
FMAD-T4QT-1660.EU Datasheet(PDF) 1 Page - Schurter Inc. |
|
FMAD-T4QT-1660.EU Datasheet(HTML) 1 Page - Schurter Inc. |
1 / 3 page 1 3-Phase AC Filters / DC Filters FMAD CEE www.schurter.com /PG80 EMC Products 1-stage filter with 3-phase CEE connector Description - 3 Phase CEE Connector with Filter - Easy and time saving handling Unique Selling Proposition - First CEE power entry module with EMC filter - Easy prewired solution - Universal flange for front or rear mounting - Optimal filter position direct on the power entry Approvals - UL File Number: E72928 - ENEC File Number: SE/09137-4 Applications - Protection against interference voltage from the mains - Possible interferences generated in the equipment are strongly attenu- ated - Suitable for equipment with detachable power cord Weblinks pdf-datasheet, html-datasheet, General Product Information, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Distributor- Stock-Check, Detailed request for product Technical Data Rated Current 16 - 32 A @ Ta 40 °C Rated voltage 277/480 VAC, 50/60 Hz Approval for 16 - 32 A / 277/480 VAC Overload Current 1.5 x Ir Leakage Current industrial < 10 mA (440 V / 50 Hz) Dielectric Strength 277/480 VAC: 2.25 kVDC between L-L 1.7 kVDC between L-N 3 kVDC between L-PE Test voltage (2 sec) Number of Filter Stages 1-stage Weight 1.4 kg Material: Housing Metal Sealing Compound UL 94V-0 Mounting Screw-on mounting on chassis Terminal Screw clamps Operating Temperature -40 °C to 85 °C Climatic Category 40/085/21 acc. to IEC 60068-1 Degree of Protection IP 20 acc. to IEC 60529 Protection Class Suitable for appliances with protection class I acc. to IEC 61140 MTBF > 200'000 h acc. to MIL-HB-217 F |
Similar Part No. - FMAD-T4QT-1660.EU |
|
Similar Description - FMAD-T4QT-1660.EU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |