Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-100-989 Datasheet(PDF) 6 Page - Schurter Inc.

Part # 3-100-989
Description  Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3-100-989 Datasheet(HTML) 6 Page - Schurter Inc.

  3-100-989 Datasheet HTML 1Page - Schurter Inc. 3-100-989 Datasheet HTML 2Page - Schurter Inc. 3-100-989 Datasheet HTML 3Page - Schurter Inc. 3-100-989 Datasheet HTML 4Page - Schurter Inc. 3-100-989 Datasheet HTML 5Page - Schurter Inc. 3-100-989 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Metal Line Switches
MSM LA 19
www.schurter.com /PG70
Switches
19
1-pole
12 A
Ring Illumination, white, 24 VDC
yes
MSM 19 LA RI white
1241.6824.1115000
19
2-pole
12 A
non-illuminated
yes
MSM 19 LA ST
1241.6821.1120000
19
2-pole
12 A
non-illuminated
yes
MSM 19 LA LE
1241.6822.1120000
19
2-pole
12 A
Point Illumination, red
yes
MSM 19 LA PI red
1241.6823.1121000
19
2-pole
12 A
Point Illumination, green
yes
MSM 19 LA PI green
1241.6823.1122000
19
2-pole
12 A
Point Illumination, blue
yes
MSM 19 LA PI blue
1241.6823.1124000
19
2-pole
12 A
Ring Illumination, red, 24 VDC
yes
MSM 19 LA RI red
1241.6824.1121000
19
2-pole
12 A
Ring Illumination, green, 24 VDC
yes
MSM 19 LA RI green
1241.6824.1122000
19
2-pole
12 A
Ring Illumination, blue, 24 VDC
yes
MSM 19 LA RI blue
1241.6824.1124000
19
1-pole
16 A
non-illuminated
yes
MSM 19 LA ST
3-100-987
19
1-pole
16 A
Ring Illumination, red, 24 VDC
yes
MSM 19 LA RI red
3-100-990
19
1-pole
16 A
Ring Illumination, green, 24 VDC
yes
MSM 19 LA RI green
3-100-991
19
1-pole
16 A
Ring Illumination, blue, 24 VDC
yes
MSM 19 LA RI blue
3-101-002
19
2-pole
16 A
non-illuminated
yes
MSM 19 LA ST
3-100-989
19
2-pole
16 A
Ring Illumination, blue, 24 VDC
yes
MSM 19 LA RI blue
3-100-999
19
2-pole
16 A
Ring Illumination, red, 24 VDC
yes
MSM 19 LA RI red
3-101-003
19
2-pole
16 A
Ring Illumination, green, 24 VDC
yes
MSM 19 LA RI green
3-101-004
Legend:
Type: MSM
CS = Ceramic Surface
ST = Standard: not lettered
LE = Lettering: lettered
AI = BL = Full Surface Backlighting: Lettering possible (see Lettering, last 3 digits)
Customer-specific versions available on request.
Special materials for use in salt and chlorinated environment on request.
The nut with gasket and micro switch are enclosed in the box.
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging unit
10 in box with insert
- Actuating elements in ESD safe packaging
- Screw nuts and sealing rings in a bag (enclosd in the box)
- Micro switches (enclosed in the box)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 3-100-989

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3-100-989 SCHURTER-3-100-989 Datasheet
981Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results

Similar Description - 3-100-989

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSMLA22 SCHURTER-MSMLA22 Datasheet
1,005Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS19 SCHURTER-MSMLACS19 Datasheet
716Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_V02 Datasheet
863Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLACS19 SCHURTER-MSMLACS19_V02 Datasheet
735Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA22 SCHURTER-MSMLA22_18 Datasheet
1Mb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_16 Datasheet
761Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22 Datasheet
748Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_V02 Datasheet
981Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA19 SCHURTER-MSMLA19_18 Datasheet
983Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA22 SCHURTER-MSMLA22_V02 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com