Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT374ADWG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HCT374ADWG
Description  Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT374ADWG Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HCT374ADWG Datasheet HTML 1Page - ON Semiconductor MC74HCT374ADWG Datasheet HTML 2Page - ON Semiconductor MC74HCT374ADWG Datasheet HTML 3Page - ON Semiconductor MC74HCT374ADWG Datasheet HTML 4Page - ON Semiconductor MC74HCT374ADWG Datasheet HTML 5Page - ON Semiconductor MC74HCT374ADWG Datasheet HTML 6Page - ON Semiconductor MC74HCT374ADWG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 12
1
Publication Order Number:
MC74HCT374A/D
MC74HCT374A
Octal 3-State Noninverting
D Flip-Flop with
LSTTL-Compatible Inputs
High−Performance Silicon−Gate CMOS
The MC74HCT374A may be used as a level converter for
interfacing TTL or NMOS outputs to High−Speed CMOS inputs.
The HCT374A is identical in pinout to the LS374.
Data meeting the setup and hold time is clocked to the outputs with
the rising edge of Clock. The Output Enable does not affect the state of
the flip−flops, but when Output Enable is high, the outputs are forced
to the high−impedance state. Thus, data may be stored even when the
outputs are not enabled.
The HCT374A is identical in function to the HCT574A, which has
the input pins on the opposite side of the package from the output pins.
This device is similar in function to the HCT534A, which has
inverting outputs.
Features
Output Drive Capability: 15 LSTTL Loads
TTL/NMOS−Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 1.0 mA
In Compliance With the JEDEC Standard No. 7.0 A Requirements
Chip Complexity: 276 FETs or 69 Equivalent Gates
Improvements over HCT374
Improved Propagation Delays
50% Lower Quiescent Power
Improved Input Noise and Latchup Immunity
These Devices are Pb−Free and are RoHS Compliant
LOGIC DIAGRAM
DATA
INPUTS
D0
11
CLOCK
D1
D2
D3
D4
D5
D6
D7
18
17
14
13
8
7
4
3
1
OUTPUT ENABLE
19
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
16
15
12
9
6
5
2
PIN 20 = VCC
PIN 10 = GND
NONINVERTING
OUTPUTS
http://onsemi.com
MARKING DIAGRAMS
HCT
374A
ALYW
G
G
See detailed ordering and shipping information on page 5 of
this data sheet.
ORDERING INFORMATION
20
1
HCT374A
AWLYYWWG
20
1
SOIC−20
TSSOP−20
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
SOIC−20
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E
PIN ASSIGNMENT
Q2
D1
D0
Q0
OUTPUT ENABLE
GND
Q3
D3
D2
Q1
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
Q6
D6
D7
Q7
VCC
CLOCK
Q4
D4
D5
Q5
FUNCTION TABLE
Inputs
Output
Output
Enable
Clock
D
Q
LH
H
LL
L
L
L,H,
X
No Change
HX
X
Z
X = don’t care
Z = high impedance


Similar Part No. - MC74HCT374ADWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT374ADWG ONSEMI-MC74HCT374ADWG Datasheet
116Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
June, 2005 ??Rev. 10
MC74HCT374ADWG ONSEMI-MC74HCT374ADWG Datasheet
155Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
More results

Similar Description - MC74HCT374ADWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A Datasheet
162Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A_11 Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
MC74HCT374A ONSEMI-MC74HCT374A Datasheet
185Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 11
MC74HCT374A ONSEMI-MC74HCT374A_11 Datasheet
155Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
logo
Motorola, Inc
MC54HCT374A MOTOROLA-MC54HCT374A Datasheet
119Kb / 7P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP WITH LSTTL-COM
logo
ON Semiconductor
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com