Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC74 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74AC74
Description  Dual D-Type Positive Edge-Triggered Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC74 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74AC74_15 Datasheet HTML 2Page - ON Semiconductor MC74AC74_15 Datasheet HTML 3Page - ON Semiconductor MC74AC74_15 Datasheet HTML 4Page - ON Semiconductor MC74AC74_15 Datasheet HTML 5Page - ON Semiconductor MC74AC74_15 Datasheet HTML 6Page - ON Semiconductor MC74AC74_15 Datasheet HTML 7Page - ON Semiconductor MC74AC74_15 Datasheet HTML 8Page - ON Semiconductor MC74AC74_15 Datasheet HTML 9Page - ON Semiconductor MC74AC74_15 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC74AC74, MC74ACT74
www.onsemi.com
7
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Set-up Time, HIGH or LOW
5.0
1.0
3.0
3.5
ns
3−9
Dn to CPn
th
Hold Time, HIGH or LOW
5.0
−0.5
1.0
1.0
ns
3−9
Dn to CPn
tw
CPn or CDn or SDn
5.0
3.0
5.0
6.0
ns
3−6
Pulse Width
trec
Recovery TIme
5.0
−2.5
0
0
ns
3−9
CDn or SDn to CP
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
35
pF
VCC = 5.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC74AC74DG
SOIC−14
(Pb−Free)
55 Units/Rail
MC74AC74DR2G
SOIC−14
(Pb−Free)
2500/Tape & Reel
MC74AC74DTR2G
TSSOP−14
(Pb−Free)
2500/Tape & Reel
MC74ACT74DG
SOIC−14
(Pb−Free)
55 Units/Rail
MC74ACT74DR2G
SOIC−14
(Pb−Free)
2500/Tape & Reel
MC74ACT74DTR2G
TSSOP−14
(Pb−Free)
2500/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC74AC74_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC74D MOTOROLA-MC74AC74D Datasheet
204Kb / 6P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
ON Semiconductor
MC74AC74D ONSEMI-MC74AC74D Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
MC74AC74DG ONSEMI-MC74AC74DG Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
MC74AC74DR2 ONSEMI-MC74AC74DR2 Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
MC74AC74DR2G ONSEMI-MC74AC74DR2G Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
More results

Similar Description - MC74AC74_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Unisonic Technologies
U74AC74 UTC-U74AC74_15 Datasheet
170Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Texas Instruments
SN74LVC2G80 TI1-SN74LVC2G80_16 Datasheet
888Kb / 18P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com