Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC175A Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HC175A
Description  Quad D Flip-Flop with Common Clock and Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC175A Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HC175A Datasheet HTML 1Page - ON Semiconductor MC74HC175A Datasheet HTML 2Page - ON Semiconductor MC74HC175A Datasheet HTML 3Page - ON Semiconductor MC74HC175A Datasheet HTML 4Page - ON Semiconductor MC74HC175A Datasheet HTML 5Page - ON Semiconductor MC74HC175A Datasheet HTML 6Page - ON Semiconductor MC74HC175A Datasheet HTML 7Page - ON Semiconductor MC74HC175A Datasheet HTML 8Page - ON Semiconductor MC74HC175A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC74HC175A
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
– 0.5 to + 7.0
V
Vin
DC Input Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 50
mA
PD
Power Dissipation in Still Air,
SOIC Package†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP, SOIC or TSSOP Package)
260
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of
these limits are exceeded, device functionality should not be assumed, damage may occur and
reliability may be affected.
†Derating — SOIC Package: – 7 mW/
_C from 65_ to 125_C
TSSOP Package: − 6.1 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
Vin, Vout
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
– 55
+ 125
_C
tr, tf
Input Rise and Fall Time
VCC = 2.0 V
(Figure 1)
VCC = 3.0 V
VCC = 4.5 V
VCC = 6.0 V
0
0
0
1000
600
500
400
ns
Functional operation above the stresses listed in the Recommended Operating Ranges is not
implied. Extended exposure to stresses beyond the Recommended Operating Ranges limits may
affect device reliability.
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - MC74HC175A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC175A ONSEMI-MC74HC175A Datasheet
191Kb / 8P
   Quad D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 2
MC74HC175A ONSEMI-MC74HC175A Datasheet
121Kb / 10P
   Quad D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC175AD ONSEMI-MC74HC175AD Datasheet
191Kb / 8P
   Quad D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 2
MC74HC175AD ONSEMI-MC74HC175AD Datasheet
121Kb / 10P
   Quad D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC175ADG ONSEMI-MC74HC175ADG Datasheet
121Kb / 10P
   Quad D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
More results

Similar Description - MC74HC175A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC175 MOTOROLA-MC54-74HC175 Datasheet
200Kb / 7P
   Quad D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC175A ONSEMI-MC74HC175A Datasheet
191Kb / 8P
   Quad D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 2
MC54-74HC175 ONSEMI-MC54-74HC175 Datasheet
200Kb / 7P
   Quad D Flip-Flop with Common Clock and Reset
REV 6
logo
System Logic Semiconduc...
SL74HC175 SLS-SL74HC175 Datasheet
49Kb / 5P
   Quad D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC175A ONSEMI-MC74HC175A_12 Datasheet
157Kb / 11P
   Quad D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 5
logo
Integral Corp.
IN74ACT175 INTEGRAL-IN74ACT175 Datasheet
133Kb / 5P
   Quad D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A Datasheet
155Kb / 8P
   Hex D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 7
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
Integral Corp.
IN74ACT174 INTEGRAL-IN74ACT174 Datasheet
163Kb / 5P
   HEX D FLIP-FLOP WITH COMMON CLOCK AND RESET
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com