Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66140XNB35WPK Datasheet(PDF) 4 Page - OSRAM GmbH

Part # 66140XNB35WPK
Description  Color temperature: up to 4,350 K
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

66140XNB35WPK Datasheet(HTML) 4 Page - OSRAM GmbH

  66140XNB35WPK Datasheet HTML 1Page - OSRAM GmbH 66140XNB35WPK Datasheet HTML 2Page - OSRAM GmbH 66140XNB35WPK Datasheet HTML 3Page - OSRAM GmbH 66140XNB35WPK Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Safety advice
XENARC lamp change is recommended to be carried out by a professional.
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4008321663641
66140XNB
Folding carton box
1
93 mm x 46 mm x
53 mm
0.23 dm³
79.96 g
4008321663658
66140XNB
Shipping carton box
10
245 mm x 110 mm x
120 mm
3.23 dm³
885.76 g
4052899047068
66140XNB
Folding carton box
1
53 mm x 46 mm x
93 mm
0.23 dm³
80.00 g
4052899047075
66140XNB
Shipping carton box
10
245 mm x 120 mm x
110 mm
3.23 dm³
852.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
Legal advice
ECE approval
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 14, 2016, 03:58:28
© 2016, OSRAM GmbH. All rights reserved.
66140XNB
Page 4 of 4


Similar Part No. - 66140XNB35WPK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
6614035WPK32D OSRAM-6614035WPK32D Datasheet
153Kb / 5P
   Original spare parts
66140CBI35WPK OSRAM-66140CBI35WPK Datasheet
138Kb / 4P
   Blue effect without coating
66140ULT35WPK OSRAM-66140ULT35WPK Datasheet
125Kb / 3P
   XENARC lamp change is recommended to be carried out by a professional
More results

Similar Description - 66140XNB35WPK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDIL103 OSRAM-LEDIL103 Datasheet
154Kb / 4P
   Color temperature: up to 6,000 K
2825HCBI OSRAM-2825HCBI Datasheet
128Kb / 4P
   Color temperature: up to 4,000 K
LEDDRL102CL15 OSRAM-LEDDRL102CL15 Datasheet
117Kb / 3P
   Color temperature: up to 6,000 K
3547CW2,5W12V OSRAM-3547CW2,5W12V Datasheet
182Kb / 3P
   Modern and intense light with up to 6,000 K
logo
Maxic Technology Corpor...
MT7312 MAXIC-MT7312 Datasheet
174Kb / 1P
   Color Temperature Switch Controller
MT7302 MAXIC-MT7302 Datasheet
166Kb / 1P
   Color Temperature Switch Controller
MT7322 MAXIC-MT7322 Datasheet
168Kb / 1P
   Color Temperature Switch Controller
logo
Murata Manufacturing Co...
935124422622-XXA MURATA1-935124422622-XXA Datasheet
228Kb / 2P
   Ultra High operating temperature- ETSC: up to 200?
Last updated06/13/2022
935124421610-XXA MURATA1-935124421610-XXA Datasheet
228Kb / 2P
   Ultra High operating temperature - ETSC: up to 200?
Last updated06/13/2022
935124427747-XXA MURATA1-935124427747-XXA Datasheet
228Kb / 2P
   Ultra High operating temperature - ETSC: up to 200?
Last updated06/13/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com