Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS805B1LDV50 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLS805B1LDV50
Description  Ultra Low Quiescent Current Linear Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS805B1LDV50 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLS805B1LDV50 Datasheet HTML 6Page - Infineon Technologies AG TLS805B1LDV50 Datasheet HTML 7Page - Infineon Technologies AG TLS805B1LDV50 Datasheet HTML 8Page - Infineon Technologies AG TLS805B1LDV50 Datasheet HTML 9Page - Infineon Technologies AG TLS805B1LDV50 Datasheet HTML 10Page - Infineon Technologies AG TLS805B1LDV50 Datasheet HTML 11Page - Infineon Technologies AG TLS805B1LDV50 Datasheet HTML 12Page - Infineon Technologies AG TLS805B1LDV50 Datasheet HTML 13Page - Infineon Technologies AG TLS805B1LDV50 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
10
Rev. 1.10 2016-04-20
TLS805B1LDV50
Block Description and Electrical Characteristics
5
Block Description and Electrical Characteristics
5.1
Voltage Regulation
The output voltage VQ is divided by a resistor network. This fractional voltage is compared to an internal
voltage reference and the pass transistor is driven accordingly.
The control loop stability depends on the output capacitor CQ, the load current, the chip temperature and the
internal circuit structure. To ensure stable operation, the output capacitor’s capacitance and its equivalent
series resistor ESR requirements given in “Functional Range” on Page 8 have to be maintained. For details
see the typical performance graph Output Capacitor Series Resistor ESR(CQ) versus Output Current IQ.
Since the output capacitor is used to buffer load steps, it should be sized according to the application’s needs.
An input capacitor CI is not required for stability, but is recommended to compensate line fluctuations. An
additional reverse polarity protection diode and a combination of several capacitors for filtering should be
used, in case the input is connected directly to the battery line. Connect the capacitors close to the regulator
terminals.
In order to prevent overshoots during start-up, a smooth ramping up function is implemented. This ensures
almost no overshoots during start-up, mostly independent from load and output capacitance.
Whenever the load current exceeds the specified limit, e.g. in case of a short circuit, the output current is
limited and the output voltage decreases.
The overtemperature shutdown circuit prevents the IC from immediate destruction under fault conditions
(e.g. output continuously short-circuit) by switching off the power stage. After the chip has cooled down, the
regulator restarts. This oscillatory thermal behaviour causes the junction temperature to exceed the
maximum rating of 150°C and can significantly reduce the IC’s lifetime.
Figure 4
Block Diagram Voltage Regulation
Bandgap
Reference
GND
Q
I
Temperature
Shutdown
Current
Limitation
Regulated
Output Voltage
IQ
VQ
CQ
Supply
V
I
LOAD
C
ESR
CI
I
I


Similar Part No. - TLS805B1LDV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
More results

Similar Description - TLS805B1LDV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
TLS810A1LDV50 INFINEON-TLS810A1LDV50 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-15
TLS810B1EJV33 INFINEON-TLS810B1EJV33 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com