Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS24531DSPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRS24531DSPBF
Description  Integrated 600 V full-bridge gate driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS24531DSPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS24531DSPBF Datasheet HTML 7Page - International Rectifier IRS24531DSPBF Datasheet HTML 8Page - International Rectifier IRS24531DSPBF Datasheet HTML 9Page - International Rectifier IRS24531DSPBF Datasheet HTML 10Page - International Rectifier IRS24531DSPBF Datasheet HTML 11Page - International Rectifier IRS24531DSPBF Datasheet HTML 12Page - International Rectifier IRS24531DSPBF Datasheet HTML 13Page - International Rectifier IRS24531DSPBF Datasheet HTML 14Page - International Rectifier IRS24531DSPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
IRS2453(1)D(S)
11
www.irf.com
© 2016 International Rectifier
April 27, 2016
Lead Definitions
Pin
Symbol
Description
1
VCC
Logic and internal gate drive supply voltage
2
COM
IC power and signal ground
3
CT
Oscillator timing capacitor input
4
RT
Oscillator timing resistor input
5
SD
Shutdown input
6
LO1
Low side gate driver output
7
LO2
Low side gate driver output
8
VS2
High voltage floating supply return
9
HO2
High side gate driver output
10
VB2
High side gate driver floating supply
11
NC
No connect
12
VS1
High voltage floating supply return
13
HO1
High side gate driver output
14
VB1
High side gate driver floating supply
Lead Assignment
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
CT
RT
LO1
LO2
SD
VB1
HO1
VS1
VB2
HO2
VS2
COM
NC


Similar Part No. - IRS24531DSPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS24531DSPBF INFINEON-IRS24531DSPBF Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
More results

Similar Description - IRS24531DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2453D IRF-IRS2453D_15 Datasheet
540Kb / 18P
   Integrated 600 V full-bridge gate driver
IRS24531DSTRPBF IRF-IRS24531DSTRPBF Datasheet
362Kb / 18P
   Integrated 600 V full-bridge gate driver
logo
Infineon Technologies A...
IRS2453D INFINEON-IRS2453D Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
IRS2453 INFINEON-IRS2453 Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
2ED28073J06F INFINEON-2ED28073J06F Datasheet
1Mb / 26P
   600 V half-bridge gate driver with integrated bootstrap diode
V 2.0 2020-04-23
logo
Anpec Electronics Corop...
APW7181 ANPEC-APW7181 Datasheet
340Kb / 13P
   Full-Bridge Inverter Gate Driver
logo
IXYS Corporation
MX6895 IXYS-MX6895 Datasheet
271Kb / 8P
   -550V Full Bridge Gate Driver
logo
Allegro MicroSystems
A5957 ALLEGRO-A5957 Datasheet
335Kb / 10P
   Full-Bridge PWM Gate Driver
logo
Clare, Inc.
MX6895 CLARE-MX6895 Datasheet
546Kb / 9P
   -550V Full Bridge Gate Driver
logo
Allegro MicroSystems
A4955 ALLEGRO-A4955 Datasheet
378Kb / 11P
   Full-Bridge PWM Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com