Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS24531DSTRPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRS24531DSTRPBF
Description  Integrated 600 V full-bridge gate driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS24531DSTRPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS24531DSTRPBF Datasheet HTML 6Page - International Rectifier IRS24531DSTRPBF Datasheet HTML 7Page - International Rectifier IRS24531DSTRPBF Datasheet HTML 8Page - International Rectifier IRS24531DSTRPBF Datasheet HTML 9Page - International Rectifier IRS24531DSTRPBF Datasheet HTML 10Page - International Rectifier IRS24531DSTRPBF Datasheet HTML 11Page - International Rectifier IRS24531DSTRPBF Datasheet HTML 12Page - International Rectifier IRS24531DSTRPBF Datasheet HTML 13Page - International Rectifier IRS24531DSTRPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
IRS2453(1)D(S)
10
www.irf.com
© 2016 International Rectifier
April 27, 2016
Input / Output Pin Equivalent Circuit Diagrams:
VCC
COM
LO1
ESD
Diode
ESD
Diode
VB1
VS1
HO1
ESD
Diode
ESD
Diode
25V
25V
600V
VCC
COM
LO2
ESD
Diode
ESD
Diode
VB2
VS2
HO2
ESD
Diode
ESD
Diode
25V
25V
600V
VCC
COM
SD
ESD
Diode
ESD
Diode
RESD
VCC
ESD
Diode
ESD
Diode
25V
VCC
COM
CT
ESD
Diode
ESD
Diode
RESD


Similar Part No. - IRS24531DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS24531DSTRPBF IRF-IRS24531DSTRPBF Datasheet
362Kb / 18P
   Integrated 600 V full-bridge gate driver
logo
Infineon Technologies A...
IRS24531DSTRPBF INFINEON-IRS24531DSTRPBF Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
More results

Similar Description - IRS24531DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2453D IRF-IRS2453D_15 Datasheet
540Kb / 18P
   Integrated 600 V full-bridge gate driver
IRS24531DSTRPBF IRF-IRS24531DSTRPBF Datasheet
362Kb / 18P
   Integrated 600 V full-bridge gate driver
logo
Infineon Technologies A...
IRS2453D INFINEON-IRS2453D Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
IRS2453 INFINEON-IRS2453 Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
2ED28073J06F INFINEON-2ED28073J06F Datasheet
1Mb / 26P
   600 V half-bridge gate driver with integrated bootstrap diode
V 2.0 2020-04-23
logo
Anpec Electronics Corop...
APW7181 ANPEC-APW7181 Datasheet
340Kb / 13P
   Full-Bridge Inverter Gate Driver
logo
IXYS Corporation
MX6895 IXYS-MX6895 Datasheet
271Kb / 8P
   -550V Full Bridge Gate Driver
logo
Allegro MicroSystems
A5957 ALLEGRO-A5957 Datasheet
335Kb / 10P
   Full-Bridge PWM Gate Driver
logo
Clare, Inc.
MX6895 CLARE-MX6895 Datasheet
546Kb / 9P
   -550V Full Bridge Gate Driver
logo
Allegro MicroSystems
A4955 ALLEGRO-A4955 Datasheet
378Kb / 11P
   Full-Bridge PWM Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com