Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6203E51ALL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6203E51ALL
Description  POSITIVE VOLTAGE REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6203E51ALL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6203E51ALL Datasheet HTML 1Page - Torex Semiconductor XC6203E51ALL Datasheet HTML 2Page - Torex Semiconductor XC6203E51ALL Datasheet HTML 3Page - Torex Semiconductor XC6203E51ALL Datasheet HTML 4Page - Torex Semiconductor XC6203E51ALL Datasheet HTML 5Page - Torex Semiconductor XC6203E51ALL Datasheet HTML 6Page - Torex Semiconductor XC6203E51ALL Datasheet HTML 7Page - Torex Semiconductor XC6203E51ALL Datasheet HTML 8Page - Torex Semiconductor XC6203E51ALL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
(Large Current) Positive Voltage Regulators
Series
239
3
The XC6203E series are highly precise, low power consumption, positive
voltage regulators manufactured using CMOS and laser trimming
technologies.
The series provides large currents with a significantly small dropout
voltage.
The XC6203E consists of a driver transistor, a precision reference
voltage and an error amplifier. Output voltage is selectable in 0.1V steps
between a voltage of 1.8V and 6.0V.
SOT-89 (500mW), SOT-223 (1200mW) and TO-92 (300mW) package.
■General Description
Maximum Output Current
: 400mA
Maximum Operating Voltage
:8V
Output Voltage Range
: 1.8V ~ 6.0V
(selectable in 0.1V steps)
Highly Accurate
: ± 2%
Low Power Consumption
: TYP 8.0
µA
Output Voltage Temperature Characteristics
: TYP ±100ppm/°C
Operational Temperature Range : -40°C ~ 85°C
Ultra Small Packages
: SOT-89, SOT223, TO-92
GBattery Powered Equipment
GReference Voltage Sources
GCameras, Video Cameras
GCD-ROMs, DVDs
GPalmtops
GPortable Audio Video Equipment
■Features
■Applications
NCMOS Low Power Consumption (16µA max)
NDropout Voltage : 150mV @ 100mA,
300mV @ 200mA
NMaximum Output Current
: more than 400mA (3.3V)
NHighly Accurate : ± 2%
NSOT-89 / SOT-223 / TO-92 Package
0
100
200
300
400
VIN=4.3V
CIN=CL=1.0
µF(tantalum)
Output Current:IOUT(mA)
XC6203E332PR(3.3V)
3.4
3.3
3.2
3.1
3
Topr=25
°C
-40
°C
85
°C
CIN
VIN
VSS
VOUT
RL
CL
VIN
(Tantalum)
1
µF
1
µF
(Tantalum)
■Typical Application Circuit
■Typical Performance Characteristic
03S_03XC6203 02.9.12 2:54 PM ページ 239


Similar Part No. - XC6203E51ALL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203E18AFB TOREX-XC6203E18AFB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFH TOREX-XC6203E18AFH Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFL TOREX-XC6203E18AFL Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFR TOREX-XC6203E18AFR Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18ALB TOREX-XC6203E18ALB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
More results

Similar Description - XC6203E51ALL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com