Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9901NG-G Datasheet(PDF) 7 Page - Microchip Technology

Part # HV9901NG-G
Description  Universal Relay Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9901NG-G Datasheet(HTML) 7 Page - Microchip Technology

Back Button HV9901NG-G Datasheet HTML 3Page - Microchip Technology HV9901NG-G Datasheet HTML 4Page - Microchip Technology HV9901NG-G Datasheet HTML 5Page - Microchip Technology HV9901NG-G Datasheet HTML 6Page - Microchip Technology HV9901NG-G Datasheet HTML 7Page - Microchip Technology HV9901NG-G Datasheet HTML 8Page - Microchip Technology HV9901NG-G Datasheet HTML 9Page - Microchip Technology HV9901NG-G Datasheet HTML 10Page - Microchip Technology HV9901NG-G Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005550A-page 7
HV9901
2.0
PIN DESCRIPTION
The pin details of HV9901 are listed on Table 2-1. See
Package Type for the location of the pins.
TABLE 2-1:
PIN TABLE
Pin Number
Pin Name
Description
1
VIN
Input supply
2
Pin not present
3
Pin not present
4
GT
Gate driver output for driving the external switching MOSFET
5
CS
Current sense input
6
GND
Ground
7
SYNC
Open-drain input/output for synchronizing the internal PWM oscil-
lator to other HV9901s or to an external clock
8
RT
A resistor from this pin to ground sets the PWM switching fre-
quency.
9
POL
Input that determines the polarity of the ENI input.
See Truth Table.
10
ENO
Enable output. It is the logical inversion of the ENI signal.
11
ENI
Enable input. Whether ENI is active low or active high is deter-
mined by the POL input.
12
VCC
Output of the auxiliary regulator. Output voltage is determined by
the resistive divider connected to the FB pin.
13
FB
Feedback input for the auxiliary regulator.
14
H/D
HOLD/DELAY input. An RC network connected to this pin controls
the pull-in time and the holding current. See equations on page 4.
15
VREF
Reference voltage. Bypass locally with a 10 nF capacitor.
16
VDD
Output of the internal supply regulator. Bypass locally with a 10 nF
capacitor.


Similar Part No. - HV9901NG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
   Universal Relay Driver
More results

Similar Description - HV9901NG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
   Universal Relay Driver
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
   Universal Relay Driver
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
   Universal Relay Driver
logo
Littelfuse
SCR9L LITTELFUSE-SCR9L Datasheet
369Kb / 2P
   Universal Lamp Alarm Relay
2016 Rev: 1-A-062316
SCR LITTELFUSE-SCR Datasheet
515Kb / 2P
   Universal Lamp Alarm Relay
2016 Rev: 1-A-062316
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
   Universal LED Driver
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
NJM3545 NJRC-NJM3545 Datasheet
124Kb / 9P
   UNIVERSAL SINK DRIVER
logo
NXP Semiconductors
NE5090 PHILIPS-NE5090 Datasheet
93Kb / 6P
   Addressable relay driver
August 31, 1994
logo
STMicroelectronics
74ACT8244 STMICROELECTRONICS-74ACT8244 Datasheet
168Kb / 7P
   RELAY DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com