Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI4U Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ASI4U
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ASI4U Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ASI4U Datasheet HTML 3Page - Integrated Device Technology ASI4U Datasheet HTML 4Page - Integrated Device Technology ASI4U Datasheet HTML 5Page - Integrated Device Technology ASI4U Datasheet HTML 6Page - Integrated Device Technology ASI4U Datasheet HTML 7Page - Integrated Device Technology ASI4U Datasheet HTML 8Page - Integrated Device Technology ASI4U Datasheet HTML 9Page - Integrated Device Technology ASI4U Datasheet HTML 10Page - Integrated Device Technology ASI4U Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
7
January 26, 2016
1
Important Safety Advice
Important Safety Notice: This IDT product is intended for use in commercial applications.
Applications requiring extended temperature range, unusual environmental requirements, or
high-reliability applications, such as military, medical life-support, or life-sustaining equipment,
are specifically not recommended without additional mutually agreed upon processing by IDT
for such applications.
1.1.
AS-i-Safety Applications
The ASI4U/ASI4U-E/ASI4U-F is designed to allow replacement of IDT’s A²SI ICs in existing board layouts and
applications (also see section 1.2 for important restrictions). However, since the ASI4U/ASI4U-E/ASI4U-F pro-
vides additional data preprocessing functions at the data input channel, the fault reaction time of an AS-i Safety
module could increase by 40ms if some of the new features become activated by intention, by accident, or
hardware fault.
IDT strongly recommends the use of the Safety Mode feature of the ASI4U/ASI4U-E/ASI4U-F if it is replacing the
A²SI in existing ASI-Safety designs. The same fault reaction times as with the A²SI are guaranteed only in this
Safety Mode. For compatibility with the modified data input routing in Safety Mode, the user must adapt the safety
code table stored in the external microcontroller. Only safety code sequences that contain the value 1110 are
permitted.
If the IC is operated in Safety Mode, the user must ensure that the Synchronous Data I/O Mode as well as the
data input filters remain disabled by appropriate EEPROM configuration.
Application of the ASI4U/ASI4U-E/ASI4U-F in Standard Mode (no Safety Mode enabled) for AS-i Safety products
is possible if an additional fault reaction time of 40ms is taken into account.
The user must also adhere to the additional security advice provided in Production and Repair of AS-i Safety
Slaves, which is available on the IDT web page www.IDT.com (see section 8).
1.2.
Repair of ASI-Safety Modules
Important: If an A²SI-based ASI-Safety module must be repaired, replacing the A²SI IC with the newer
ASI4U/ASI4U-E/ASI4U-F is explicitly prohibited. This is to prevent safety-relevant deviations of module
properties that can result from the different data input paths and the possible increase in fault reaction time
discussed in section 1.1.
The user must also adhere to the additional security advice provided in Production and Repair of AS-i Safety
Slaves, which is available on the IDT web page www.IDT.com.
!


Similar Part No. - ASI4U

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ASI4U ZMD-ASI4U Datasheet
1Mb / 57P
   Universal Actuator-Sensor Interface IC
logo
List of Unclassifed Man...
ASI4U ETC2-ASI4U Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
logo
List of Unclassifed Man...
ASI4U-E ETC2-ASI4U-E Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
ASI4U-F ETC2-ASI4U-F Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
More results

Similar Description - ASI4U

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SAP5 IDT-SAP5 Datasheet
874Kb / 66P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
logo
Zentrum Mikroelektronik...
SAP5S ZMD-SAP5S Datasheet
87Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
SAP51 ZMD-SAP51 Datasheet
140Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
logo
List of Unclassifed Man...
ASI4U ETC2-ASI4U_12 Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
logo
ams AG
AS2702 AMSCO-AS2702_1 Datasheet
140Kb / 13P
   AS-Interface Slave IC
AS2702 AMSCO-AS2702 Datasheet
119Kb / 18P
   AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
A2SI-E ZMD-A2SI-E Datasheet
132Kb / 2P
   Advanced AS-Interface IC
logo
ams AG
AS2701A AMSCO-AS2701A Datasheet
180Kb / 16P
   AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
A2SI-L14-ST ZMD-A2SI-L14-ST Datasheet
136Kb / 2P
   Low End Device AS-Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com