Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI4UE-G1-SR Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ASI4UE-G1-SR
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ASI4UE-G1-SR Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ASI4UE-G1-SR Datasheet HTML 7Page - Integrated Device Technology ASI4UE-G1-SR Datasheet HTML 8Page - Integrated Device Technology ASI4UE-G1-SR Datasheet HTML 9Page - Integrated Device Technology ASI4UE-G1-SR Datasheet HTML 10Page - Integrated Device Technology ASI4UE-G1-SR Datasheet HTML 11Page - Integrated Device Technology ASI4UE-G1-SR Datasheet HTML 12Page - Integrated Device Technology ASI4UE-G1-SR Datasheet HTML 13Page - Integrated Device Technology ASI4UE-G1-SR Datasheet HTML 14Page - Integrated Device Technology ASI4UE-G1-SR Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
11
January 26, 2016
3
Basic Functional Description
3.1. Functional Block Diagram
Figure 3.1
ASI4U Functional Block Diagram
TRANSMIT
DIGITAL
LOGIC
ASI4U/ASI4U-E/ASI4U-F
AGND
LGND
DI(3:0)
DSR
PST
P(3:0)
UIN
UOUT
U5R
OSC1
CAP
ASIP
ASIN
OVER- HEAT
P - PULSE
N - PULSE
REC- RESET
SEND-D
SEND- SBY
INPUT
STAGE
I/O
STAGE
OUTPUT
STAGE
INPUT
STAGE
CMOS
INPUT
STAGE
AC
CURRENT
INPUT
DATA- STRB
RESET
PARAM
STRB
ELECTRONIC
INDUCTOR
IRD_IN
ANA
DIG
OVER- LOAD
FID
LED2
LED1
IRD
GND
0V
INPUT
STAGE
OUTPUT
STAGE
OSC2
OUTPUT
STAGE
OUTPUT
STAGE
DO(3:0)
RECEIVE
OSCILLATOR
POWER
SUPPLY
THERMAL /
OVERLOAD
PROTECTION
Following device functions are associated with the different blocks of the IC:
RECEIVE
The RECEIVE block converts the analog telegram waveform from the AS-i bus to a digital pulse-
coded signal that can be processed further by a digital UART circuit.
The RECEIVE block is directly connected to the ASIP and ASIN pins, which connect to the AS-i
line. It converts the differential AS-i telegram to a single-ended signal and removes the DC offset
by high-pass filtering. To adapt quickly to changing signal amplitudes in telegrams from different
network users, the amplitude of the first telegram pulse is measured by a 3-bit flash ADC and the
threshold of a positive and a negative comparator is set accordingly to about 50% of the mea-
sured level. The comparators generate the P-pulse and N-pulse signals.


Similar Part No. - ASI4UE-G1-SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASI4UE-G1-SR ETC2-ASI4UE-G1-SR Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
ASI4UE-G1-SR-7 ETC2-ASI4UE-G1-SR-7 Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
More results

Similar Description - ASI4UE-G1-SR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SAP5 IDT-SAP5 Datasheet
874Kb / 66P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
logo
Zentrum Mikroelektronik...
SAP5S ZMD-SAP5S Datasheet
87Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
SAP51 ZMD-SAP51 Datasheet
140Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
logo
List of Unclassifed Man...
ASI4U ETC2-ASI4U_12 Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
logo
ams AG
AS2702 AMSCO-AS2702_1 Datasheet
140Kb / 13P
   AS-Interface Slave IC
AS2702 AMSCO-AS2702 Datasheet
119Kb / 18P
   AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
A2SI-E ZMD-A2SI-E Datasheet
132Kb / 2P
   Advanced AS-Interface IC
logo
ams AG
AS2701A AMSCO-AS2701A Datasheet
180Kb / 16P
   AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
A2SI-L14-ST ZMD-A2SI-L14-ST Datasheet
136Kb / 2P
   Low End Device AS-Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com