Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI4UE-F-G1-ST Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ASI4UE-F-G1-ST
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ASI4UE-F-G1-ST Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ASI4UE-F-G1-ST Datasheet HTML 4Page - Integrated Device Technology ASI4UE-F-G1-ST Datasheet HTML 5Page - Integrated Device Technology ASI4UE-F-G1-ST Datasheet HTML 6Page - Integrated Device Technology ASI4UE-F-G1-ST Datasheet HTML 7Page - Integrated Device Technology ASI4UE-F-G1-ST Datasheet HTML 8Page - Integrated Device Technology ASI4UE-F-G1-ST Datasheet HTML 9Page - Integrated Device Technology ASI4UE-F-G1-ST Datasheet HTML 10Page - Integrated Device Technology ASI4UE-F-G1-ST Datasheet HTML 11Page - Integrated Device Technology ASI4UE-F-G1-ST Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
8
January 26, 2016
2
General Device Specifications
Important: Stresses beyond those listed under “Absolute Maximum Ratings” (section 2.1) may cause permanent
damage to the device. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated under “Recommended Operating Conditions” are not implied. Exposure to
conditions rated as the absolute maximum for extended periods might affect device reliability.
2.1. Absolute Maximum Ratings (Non-Operating)
Table 2.1
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Min
Max
Unit
Voltage reference
V0V, VGND
0
0
V
Voltage difference between
ASIP and ASIN (VASIP - VASIN)
1)
VASIP-ASIN
-0.3
40
V
Pulse voltage
between ASIP and ASIN
(VASIP - VASIN)
VASIP-ASIN_P
Pulse width
≤ 50µs
Repetition rate
≤ 0.5Hz
-0.3
50
V
Pulse voltage
between ASIP and 0V
(VASIP – V0V)
2)
VASIP
Pulse width
≤ 50µs
Repetition rate
≤ 0.5Hz
-0.3
50
V
Voltage between ASIN and 0V
(VASIN – V0V)
2)
VASIN
-6.0
6.0
V
Power supply input voltage
VUIN
-0.3
40
V
Pulse voltage at power
supply input
VUIN_P
Pulse width
≤ 50µs
Repetition rate
≤ 0.5Hz
-0.3
50
V
Voltage at DI3, DI2, DI1, DI0,
DO3, DO2, DO1, DO0, P3, P2,
P1, P0, DSR, PST, LED1,
LED2, FID, IRD, and UOUT pins
Vinputs1
-0.3
VUOUT + 0.3
V
Voltage at OSC1, OSC2, CAP,
and U5R pins
Vinputs2
-0.3
7
V
Input current into any pin except
supply pins
Iin
Latch-up resistance, reference
to pin 0V
-50
50
mA
Humidity – non-condensing
H
Level 4 according to
JEDEC-020D standard
Electrostatic discharge –
Human Body Model (HBM1)
VHBM1
C = 100pF charged to VHBM1
with resistor R = 1.5k
Ω in
series
3500
V
Electrostatic discharge –
Human Body Model (HBM2)
VHBM2
C = 100pF charged to VHBM2
with resistor R = 1.5k
Ω in
series
2000
V


Similar Part No. - ASI4UE-F-G1-ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASI4UE-F-G1-ST ETC2-ASI4UE-F-G1-ST Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
More results

Similar Description - ASI4UE-F-G1-ST

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SAP5 IDT-SAP5 Datasheet
874Kb / 66P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
logo
Zentrum Mikroelektronik...
SAP5S ZMD-SAP5S Datasheet
87Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
SAP51 ZMD-SAP51 Datasheet
140Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
logo
List of Unclassifed Man...
ASI4U ETC2-ASI4U_12 Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
logo
ams AG
AS2702 AMSCO-AS2702_1 Datasheet
140Kb / 13P
   AS-Interface Slave IC
AS2702 AMSCO-AS2702 Datasheet
119Kb / 18P
   AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
A2SI-E ZMD-A2SI-E Datasheet
132Kb / 2P
   Advanced AS-Interface IC
logo
ams AG
AS2701A AMSCO-AS2701A Datasheet
180Kb / 16P
   AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
A2SI-L14-ST ZMD-A2SI-L14-ST Datasheet
136Kb / 2P
   Low End Device AS-Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com