Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP51D-A-G1-T Datasheet(PDF) 10 Page - Integrated Device Technology

Part # SAP51D-A-G1-T
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP51D-A-G1-T Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button SAP51D-A-G1-T Datasheet HTML 6Page - Integrated Device Technology SAP51D-A-G1-T Datasheet HTML 7Page - Integrated Device Technology SAP51D-A-G1-T Datasheet HTML 8Page - Integrated Device Technology SAP51D-A-G1-T Datasheet HTML 9Page - Integrated Device Technology SAP51D-A-G1-T Datasheet HTML 10Page - Integrated Device Technology SAP51D-A-G1-T Datasheet HTML 11Page - Integrated Device Technology SAP51D-A-G1-T Datasheet HTML 12Page - Integrated Device Technology SAP51D-A-G1-T Datasheet HTML 13Page - Integrated Device Technology SAP51D-A-G1-T Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
10
January 28, 2016
2.4.
Quality Standards
The quality of the SAP51/SAP5S will be ensured according to the IDT quality standards. IDT is a qualified supplier
according to ISO/TS 16949:2002 and ISO 14001:1996.
The following IDT reference documents apply for the development process (available on request; see section 9):
Management Regulation: 0410 Product Development Procedure
Process Specification: IDT C7D 0.6µm Technology
Functional device parameters are valid for the device operating conditions specified in section 2.2. Production
device tests are performed within the recommended ranges of VLTGP - VLTGN, Tamb = +25°C (+85°C and -25°C on
sample basis only) unless otherwise stated.
2.5.
Failure Rate
Symbol
Parameter
Max.
Unit
AQL
Acceptance Quality Level
0.1
%
F55
Failure Rate at 55°C
18
FIT
F70
Failure Rate at 70°C
60
FIT
F85
Failure Rate at 85°C
150
FIT
F125
Failure Rate at 125°C
1400
FIT
2.6.
Humidity Class
Level 3 humidity tolerance according to JEDEC-020D is guaranteed.


Similar Part No. - SAP51D-A-G1-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAP51D-A-G1-T ETC2-SAP51D-A-G1-T Datasheet
657Kb / 63P
   Universal Actuator-Sensor Interface IC
More results

Similar Description - SAP51D-A-G1-T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ASI4U IDT-ASI4U Datasheet
1Mb / 70P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
logo
Zentrum Mikroelektronik...
SAP5S ZMD-SAP5S Datasheet
87Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
SAP51 ZMD-SAP51 Datasheet
140Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
logo
List of Unclassifed Man...
ASI4U ETC2-ASI4U_12 Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
logo
ams AG
AS2702 AMSCO-AS2702_1 Datasheet
140Kb / 13P
   AS-Interface Slave IC
AS2702 AMSCO-AS2702 Datasheet
119Kb / 18P
   AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
A2SI-E ZMD-A2SI-E Datasheet
132Kb / 2P
   Advanced AS-Interface IC
logo
ams AG
AS2701A AMSCO-AS2701A Datasheet
180Kb / 16P
   AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
A2SI-L14-ST ZMD-A2SI-L14-ST Datasheet
136Kb / 2P
   Low End Device AS-Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com