Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-307586-5 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 1-307586-5
Description  Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-307586-5 Datasheet(HTML) 5 Page - Tyco Electronics

  1-307586-5 Datasheet HTML 1Page - Tyco Electronics 1-307586-5 Datasheet HTML 2Page - Tyco Electronics 1-307586-5 Datasheet HTML 3Page - Tyco Electronics 1-307586-5 Datasheet HTML 4Page - Tyco Electronics 1-307586-5 Datasheet HTML 5Page - Tyco Electronics 1-307586-5 Datasheet HTML 6Page - Tyco Electronics 1-307586-5 Datasheet HTML 7Page - Tyco Electronics 1-307586-5 Datasheet HTML 8Page - Tyco Electronics 1-307586-5 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
408- 2353
Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
5
of 12
Rev B
Tyco Electronics Corporation
3. Activate power unit so that moving die advances
and holds terminal in place. Do NOT deform
terminal wire barrel.
4. Insert stripped wire all the way into terminal wire
barrel. End of wire must be flush with or extend
beyond end of wire barrel as shown in Figure 3,
Detail A. See Figure 3, (Detail D and E), for HF--30
Contacts.
5. Activate power unit to complete crimp.
6. Refer to Figure 5A and Section 4, CRIMP
INSPECTION.
3.3. Crimping Procedure (COPALUM Butt Splice)
1. Position butt splice in stationary die so that end
of splice is flush with sides of dies and view port in
splice is facing stationary die. See Figure 3,
Detail B.
2. Activate power unit so that moving die advances
and holds splice in place. Do NOT deform splice
wire barrel.
3. Insert stripped wire into splice wire barrel until
end of wire butts against wire stop as shown in
Figure 3, Detail B.
For aluminum--to--aluminum applications, butt
splices will accept the same wire size at either
end. For aluminum--to--copper applications,
however, the size of the copper wire must be
“stepped down” to the next smaller wire size to
compensate for differences in the physical
properties of copper and aluminum. Determine
correct splice wire loading by referring to CMA
range listed in Figure 2. If “stepping down” to a
smaller wire size is not desirable, i.e., if
aluminum--to--copper applications are to be made
using the same size wire at each end of the butt
splice, Tyco Electronics recommends that the
perforated sleeve be removed from inside that
particular end of splice that is to be crimped on
copper wire. When two or more wires are used in
either end of butt splice, combined
cross--sectional area must be within the CMA
range listed for the splice in Figure 2.
4. Activate power unit to complete crimp.
5. To crimp other half of butt splice, remove and
rotate splice 180_ end--over--end. If splice cannot
be rotated, rotate crimping head. Reposition
uncrimped half in stationary die as described in
Step 1. Insert wire and then crimp the splice.
6. Refer to Figure 5A and Section 4, CRIMP
INSPECTION.
3.4. Crimping Procedure (COPALUM Parallel Splices)
1. Center parallel splice in stationary die as shown
in Figure 3, Detail C.
2. Activate power unit so that moving die advances
and holds splice in place. Do NOT deform the
splice.
3. Insert stripped wires all the way into splice.
Ends of wires must be flush with or extend beyond
ends of splice.
4. Activate power unit to complete the crimp.
If terminal or splice sticks in die after crimping,
apply rocking action to remove from die.
5. Refer to Figure 5A and Section 4, CRIMP
INSPECTION.
3.5. Crimping Procedure (HF- 30 Pin and Socket
Contacts)
1. Ensure the terminal dash number, crimp die
assembly, and wire size agree with table in
Figure 2B prior to crimping.
2. Visually inspect contacts for presence of insert.
SeeFigure4.
Verify perforated insert is present prior to
crimping contact assembly. Crimp will not
function properly without insert.
3. Center pin or socket contact wire barrel in
stationary die as shown in Figure 3, Detail D & E.
4. Activate power unit so that moving die advances
and holds contact in place. Do NOT deform the
contact wire barrel.
5. Insert properly stripped wires all the way into
contact. Insulation should butt up against contact
wire barrel, see criteria identified in Figure 3,
Detail D.
6. Activate power unit to complete the crimp.
If contact sticks in die after crimping, apply
rocking action to remove from die. Use Tyco
Electronics Lubricant (pat number 168433--1) to
prevent sticking of HF--30 contacts in crimping
dies. Apply a thin coat to die surfaces
periodically. Do NOT lubricate excessively.
Remove excess lubricant from surface as
required. Lubricant transferred from the crimp
area onto certain terminations may affect the
electrical characteristics of an application.
7. Refer to Figure 5B and Section 4, CRIMP
INSPECTION.
NOTE
i
NOTE
i
DANGER
NOTE
i


Similar Part No. - 1-307586-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-307160-0 TEC-1-307160-0 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
1-307161-7 TEC-1-307161-7 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
1-307161-8 TEC-1-307161-8 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
1-307161-9 TEC-1-307161-9 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
1-307275-0 TEC-1-307275-0 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
More results

Similar Description - 1-307586-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
logo
Tyco Electronics
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2423 TEC-408-2423 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
   Application and Maintenance for Crimping Die Assemblies
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
68041 MACOM-68041 Datasheet
441Kb / 12P
   COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com