Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-21048-6 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-21048-6
Description  Pneumatic crimping heads listed in Figure 1 are designed for use in Pneumatic Tool
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-21048-6 Datasheet(HTML) 2 Page - Tyco Electronics

  1-21048-6 Datasheet HTML 1Page - Tyco Electronics 1-21048-6 Datasheet HTML 2Page - Tyco Electronics 1-21048-6 Datasheet HTML 3Page - Tyco Electronics 1-21048-6 Datasheet HTML 4Page - Tyco Electronics 1-21048-6 Datasheet HTML 5Page - Tyco Electronics 1-21048-6 Datasheet HTML 6Page - Tyco Electronics 1-21048-6 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
408-1311
Pneumatic Crimping Heads for Use with Pneumatic Tool 69015
Rev G
2 of 7
Tyco Electronics Corporation
Wire Barrel
Wire Barrel
Wire Barrel
Terminal
Butt Splice
Parallel Spice
Flag Terminal
Wire Barrel
Crimped
WIRE SIZE
CIRCULAR MIL
CRIMPING
WIRE STRIP LENGTH
WIRE SIZE
(AWG)
CIRCULAR MIL
AREA RANGE
CRIMPING
HEAD
TERMINAL
FLAG TERMINAL
BUTT SPLICE
PARALLEL
SPLICE
8
13 100 20 800
49956
8.33-9.12
[.328-.359]
10.31-11.13
[.406-.438]
10.31-11.13
[.406-.438]
8
13,100-20,800
48412
9.53-11.13
[.375-.438
6
20 800 33 100
48172
9.93-10.72
[.391-.422]
11.91-12.70
[.469-.500]
11.13-11.91
[.438-.469]
6
20,800-33,100
48413
12.70-14.30
[.500-.563]
4
33 100 52 600
48173
11.13-11.91
[.438-.469]
13.49-14.30
[.531-.563]
13.49-14.30
[.531-.563]
4
33,100-52,600
48414
13.89-15.47
[.547-.609]
2
52 600 83 700
48174
12.70-13.49
[.500-.531]
15.09-19.05
[.594-.750]
16.66-17.48
[.656-.688]
2
52,600-83,700
48415
17.07-18.64
[.672-.734]
1/0
83 700 119 500
48183H
19.05-19.84
[.750-.781]
17.48-18.26
[.688-.719]
19.05-19.84
[.750-.781]
1/0
83,700-119,500
48416H
22.23-23.83
[.875-.938]
Figure 2
H Requires minimum air pressure of 655 kPa [95 psi]
2. Place the wire barrel in the crimping jaws as
shown in Figure 3 for terminals and Figure 4 for
splices. Position butt splice so that the inspection
window faces the top of the head. Position flag
terminal so that the tongue is held against the “flat”
of the crimping jaw just until the crimp is started.
Air pressure must be adjusted to a minimum of
655 kPa [95 psi] when crimping terminals or
splices onto wire size 1/0 AWG.
3. Hold the terminal or splice (with wire) in position
and press the thumb control to actuate the tool.
Hold the thumb control down until crimping stroke
is completed.
To avoid personal injury when actuating
pneumatic tool, exercise caution when holding
terminals or wires near crimping area.
4. Release thumb control, and remove crimped
terminal or splice.
5. For butt splices, position uncrimped half in
crimping jaws, and follow same procedure used to
crimp first half of splice.
CAUTION
!
DANGER


Similar Part No. - 1-21048-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-21048-6 MACOM-1-21048-6 Datasheet
357Kb / 8P
   Remove assembly pins from mounting lugs as shown in Figure 1
1-21048-6 MACOM-1-21048-6 Datasheet
378Kb / 6P
   This instruction sheet covers the application and maintenance procedures for Pneumatic Crimping Head Assembly
More results

Similar Description - 1-21048-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4366 MACOM-408-4366 Datasheet
217Kb / 10P
   626 Pneumatic Crimping Heads
logo
PHOENIX CONTACT
SF-Z0022 PHOENIX-SF-Z0022 Datasheet
44Kb / 2P
   Pneumatic crimping tool
SF-Z0014 PHOENIX-SF-Z0014 Datasheet
49Kb / 2P
   Pneumatic crimping tool
1607446 PHOENIX-1607446 Datasheet
49Kb / 2P
   Pneumatic crimping tool - SF-Z0014
1203110 PHOENIX-1203110 Datasheet
47Kb / 2P
   Pneumatic crimping tool - ZAP 25
1607450 PHOENIX-1607450 Datasheet
44Kb / 2P
   Pneumatic crimping tool - SF-Z0022
logo
Tyco Electronics
408-10004 MACOM-408-10004 Datasheet
3Mb / 9P
   The pneumatic crimping heads consist of integral jaws which close in an arc-like motion
408-4105 MACOM-408-4105 Datasheet
138Kb / 6P
   Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
logo
TE Connectivity Ltd
408-8878 TEC-408-8878 Datasheet
217Kb / 4P
   626 Pneumatic Crimping Head 1490191-1 (Used with 626 Pneumatic Tooling Assemblies)
logo
Vishay Siliconix
16LH VISHAY-16LH_08 Datasheet
261Kb / 3P
   Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder
Revision: 01-Feb-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com