Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-307585-5 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1-307585-5
Description  Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-307585-5 Datasheet(HTML) 4 Page - Tyco Electronics

  1-307585-5 Datasheet HTML 1Page - Tyco Electronics 1-307585-5 Datasheet HTML 2Page - Tyco Electronics 1-307585-5 Datasheet HTML 3Page - Tyco Electronics 1-307585-5 Datasheet HTML 4Page - Tyco Electronics 1-307585-5 Datasheet HTML 5Page - Tyco Electronics 1-307585-5 Datasheet HTML 6Page - Tyco Electronics 1-307585-5 Datasheet HTML 7Page - Tyco Electronics 1-307585-5 Datasheet HTML 8Page - Tyco Electronics 1-307585-5 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
408- 2353
Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
Rev B
4
of 12
Tyco Electronics Corporation
Figure 3 (end)
Ends of Wires Must be
Flush with or Extend
Beyond Ends of Splice
Center
Splice in
Die
Detail C
COPALUM
Parallel Splice
Detail D
HF--30 Contact
Stationary Die (Nest)
Hydraulic Crimp Head
End of Barrel Flush
with Edge of Die
Wire inserted fully into contact
until insulation bottoms on edge
of contact. No wire strands
should be visible.
Moving Die
(Indenter)
Socket Contact
Assembly HF--30
Same Criteria Applies
to Pin Contact
Pin Contact
Assembly HF--30
HousingStopon
Bottom
Detail E
Stationary Die (Nest)
Flat Planar Surface
of Crimp Die Nest
Middle Plane of Contact
Pin Contact
Assembly
HF--30
Contact Location: The middle plane
of contact should be parallel to the
planar surface of the crimp die nest.
This will prevent twist in the crimp
relative to the planar mating surface
of the contact. This applies to both
pin and socket contacts.
HF--30 Contact Location


Similar Part No. - 1-307585-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-307160-0 TEC-1-307160-0 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
1-307161-7 TEC-1-307161-7 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
1-307161-8 TEC-1-307161-8 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
1-307161-9 TEC-1-307161-9 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
1-307275-0 TEC-1-307275-0 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
More results

Similar Description - 1-307585-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
logo
Tyco Electronics
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2423 TEC-408-2423 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
   Application and Maintenance for Crimping Die Assemblies
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
68041 MACOM-68041 Datasheet
441Kb / 12P
   COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com