Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-21000-3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-21000-3
Description  Installation and removal of the crimper from the tool holder assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-21000-3 Datasheet(HTML) 2 Page - Tyco Electronics

  1-21000-3 Datasheet HTML 1Page - Tyco Electronics 1-21000-3 Datasheet HTML 2Page - Tyco Electronics 1-21000-3 Datasheet HTML 3Page - Tyco Electronics 1-21000-3 Datasheet HTML 4Page - Tyco Electronics 1-21000-3 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
408- 4214
“T”- HEAD Crimper 217202- 1
Rev A
2
of 5
Tyco Electronics Corporation
To prevent personal injury, ALWAYS disconnect
the main air supply and electrical supply (if
applicable) of the pneumatic tool before installing
or removing the crimper.
DO NOT operate pneumatic tool without the
crimper assembly installed. After crimper is
installed, verify that the quick pins are FULLY
tightened to avoid personal injury and damage to
the tool.
1. Remove quick pins from tool holder assembly.
Refer toFigure1.
2. Slide the crimper into tool holder assembly,
aligning the threaded holes on the crimper with the
quick pin holes on the tool holder.
3. After crimper is properly aligned in the tool
holder assembly, insert and tighten the quick pins.
Refer toFigure2.
Tyco Electronics recommends using Loctite{ No.
242 removable threadlock, or equivalent, to
prevent the quick pins from loosening.
Figure 2
Crimper Installed
in Tool Holder
4. MAINTENANCE AND INSPECTION
Tyco Electronics recommends that a maintenance
and inspection program be performed periodically to
ensure dependable and uniform terminations.
To avoid personal injury, ALWAYS disconnect the
main air supply and electrical supply (if
applicable) of the pneumatic tool system before
performing maintenance or inspection.
4.1. Daily Maintenance
Tyco Electronics recommends that each operator be
responsible for the following steps of daily
maintenance:
1. Remove dust, moisture, and other contaminants
with a clean, soft brush, or a lint--free cloth. DO
NOT use objects that could damage the crimper.
2. Make sure that all pins, rings, and other
components are in place and secure.
3. Make certain all surfaces are protected with a
thin coat of any good SAE 20 motor oil. DO NOT
oil excessively.
4. When the crimper is not in use, store it in a
clean, dry area.
4.2. Periodic Inspection
Regular inspections should be performed by
quality--control personnel. A record of scheduled
inspections should remain with the crimper or be
supplied to supervisory personnel responsible for the
crimper. Though recommendations call for at least
one inspection a month, the frequency should be
based on amount of use, working conditions, operator
training and skill, and your established company
policies. These inspections should include a visual
inspection as described in Paragraph 4.3.
4.3. Visual Inspection
1. Remove all lubrication and accumulated film by
immersing the crimper in a suitable commercial
degreaser that will not affect paint or plastic.
2. Make certain all components are in place. If
replacements are necessary, refer to Paragraph 6,
REPLACEMENT AND REPAIR.
3. Check all bearing surfaces for wear. Replace
worn parts.
4.4. Lubrication
Lubricate all pins, pivot points, and bearing surfaces
with a high quality grease. Tyco Electronics
recommends the use of MolykoteD grease, which is a
commercially available lubricant. Lubricate according
to the following schedule:
S
Crimper used in daily production -- lubricate
daily
S
Crimper used daily (occasional) -- lubricate
weekly
S
Crimper used weekly -- lubricate monthly
D
Trademark of Dow Corning Corporation
{
Trademark of Loctite Corporation
DANGER
DANGER
NOTE
i
DANGER


Similar Part No. - 1-21000-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-21000-3 MACOM-1-21000-3 Datasheet
547Kb / 5P
   Pistol Grip Seating Tool
More results

Similar Description - 1-21000-3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63824-2400 MOLEX-63824-2400 Datasheet
250Kb / 2P
   This Extractor Tool is for the removal of the CSP 6.3 Receptacle Terminals from the CSP Receptacle Housings
09-06-12
logo
Tyco Electronics
408-10021 MACOM-408-10021 Datasheet
530Kb / 5P
   The CERTI--CRIMP II Tool Holder Assembly
logo
Molex Electronics Ltd.
200222-0100 MOLEX-200222-0100 Datasheet
297Kb / 2P
   This extractor tool is for the removal of crimped terminals from housing series
09-03-21
63824-2900 MOLEX-63824-2900 Datasheet
191Kb / 2P
   The 63824-2900 Extraction Tool is for the removal of crimp male terminals from housing series 34899
02-06-13
logo
Amphenol SV Microwave
500-32-042 SVMICROWAVE-500-32-042 Datasheet
93Kb / 1P
   10.493" SMPM INSTALLATION/REMOVAL TOOL
02/20
logo
Molex Electronics Ltd.
1731121744 MOLEX-1731121744 Datasheet
23Kb / 1P
   FCT Installation and Removal Tool for D-Subs
09/06/2022
logo
TE Connectivity Ltd
408-8550 TEC-408-8550 Datasheet
92Kb / 2P
   This tool is shipped in kit form and consists of the holder base, the cutting base, and the cutter set gage.
logo
Molex Electronics Ltd.
62201-5600 MOLEX-62201-5600 Datasheet
1Mb / 1P
   HDM* Stiffener Removal/ Installation Repair Tool
1731121745 MOLEX-1731121745 Datasheet
22Kb / 1P
   FCT Installation and Removal Tool for High-Density Contacts
09/06/2022
logo
TE Connectivity Ltd
408-8658 TEC-408-8658 Datasheet
80Kb / 1P
   Push the spool assembly from the hole in the top of the spool valve until it falls out of the bottom.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com