Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LECGP3A01-6V5W-1 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LECGP3A01-6V5W-1
Description  OSTAR High Power Projection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGP3A01-6V5W-1 Datasheet(HTML) 5 Page - OSRAM GmbH

  LECGP3A01-6V5W-1 Datasheet HTML 1Page - OSRAM GmbH LECGP3A01-6V5W-1 Datasheet HTML 2Page - OSRAM GmbH LECGP3A01-6V5W-1 Datasheet HTML 3Page - OSRAM GmbH LECGP3A01-6V5W-1 Datasheet HTML 4Page - OSRAM GmbH LECGP3A01-6V5W-1 Datasheet HTML 5Page - OSRAM GmbH LECGP3A01-6V5W-1 Datasheet HTML 6Page - OSRAM GmbH LECGP3A01-6V5W-1 Datasheet HTML 7Page - OSRAM GmbH LECGP3A01-6V5W-1 Datasheet HTML 8Page - OSRAM GmbH LECGP3A01-6V5W-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.0
LE CG P3A 01
2016-06-06
5
Brightness Groups
Helligkeitsgruppen
Group
Luminous Flux 1) page 21
Luminous Flux 1) page 21
Gruppe
Lichtstrom 1) Seite 21
Lichtstrom 1) Seite 21
(min.) Φ
V [lm]
(max.) Φ
V [lm]
6V
8000
9000
7V
9000
10000
8V
10000
11200
5W
11200
12500


Similar Part No. - LECGP3A01-6V5W-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECGP3A01-6V6W-1 OSRAM-LECGP3A01-6V6W-1 Datasheet
929Kb / 22P
   OSRAM OSTAR Projection Power
More results

Similar Description - LECGP3A01-6V5W-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECGP2W01 OSRAM-LECGP2W01 Datasheet
1Mb / 21P
   OSTAR High Power Projection
LE-A-P3W-01 OSRAM-LE-A-P3W-01 Datasheet
808Kb / 20P
   OSTAR High Power Projection
LE-CG-P3A-01 OSRAM-LE-CG-P3A-01 Datasheet
929Kb / 22P
   OSTAR High Power Projection
LEBP3W01-GYHY-24 OSRAM-LEBP3W01-GYHY-24 Datasheet
824Kb / 20P
   OSTAR High Power Projection
LECGP1W-6T8T-1 OSRAM-LECGP1W-6T8T-1 Datasheet
1Mb / 23P
   OSTAR High Power Projection
LEBP1W-EYFY-24 OSRAM-LEBP1W-EYFY-24 Datasheet
822Kb / 21P
   OSTAR High Power Projection
LECGP2W-7U6V-1 OSRAM-LECGP2W-7U6V-1 Datasheet
1Mb / 22P
   OSTAR High Power Projection
LE-A-P1W OSRAM-LE-A-P1W Datasheet
786Kb / 21P
   OSTAR High Power Projection
LEAP2W01 OSRAM-LEAP2W01 Datasheet
824Kb / 20P
   OSTAR High Power Projection
LE-B-P1W OSRAM-LE-B-P1W Datasheet
870Kb / 21P
   OSTAR High Power Projection
LECGP1A-5T8T-A OSRAM-LECGP1A-5T8T-A Datasheet
949Kb / 23P
   OSTAR High Power Projection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com