Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.3981 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0034.3981
Description  Non resettable fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.3981 Datasheet(HTML) 1 Page - Schurter Inc.

  0034.3981 Datasheet HTML 1Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FUSES / SICHERUNGEN
FSD 5
20
Non resettable fuses
www.schurter.com
94
Miniature Fuses
Type FSD 5
20
time delay T
Glass tube
Standards
UL 248-14
CSA C22.2 No. 248.14
Approvals
UL
CSA
12
3
45
67 8 9 10
15
0,001
0,01
0,1
1
10
100
1'000
10'000
100'000
Vi lf
hdN
t
I
Multiple of rated current I
n
1,1 · In* 1.35 · In
2 · In
min.
max.
min.
max.
100 mA – 3 A
4 h
1 h
5 s
120 s
3,2 – 3,5 A
4 h
1 h
12 s
120 s
Rated
current I
n
n · In
Pre-arcing time/current
characteristic (at Ta 23 °C)
* Non fusing current Inf
UL 248-14
100 mA – 3 A
(test value)
3,2 – 3,5 A
(test value)
Order No. /
Rated current I
n
Breaking capacity /
Voltage drop /
Sustained
Pre-arcing
Approvals
Rated voltage U
n /
power dissipation /
l2t
n
at / bei I
n
at / bei 1,1 I
n
at / bei 10 · I
n
max.
typ.
typ.
typ.
mV
mV
W
A2s
0034.3972
100
mA / 250 V
1550
0,16
4,4 · 10–2
••
0034.3973
125
mA / 250 V
1240
0,15
8,4 · 10–2
••
0034.3974
150
mA / 250 V
1240
0,19
1,31 · 10–1
••
0034.3975
175
mA / 250 V
1000
0,18
2,39 · 10–1
••
0034.3976
187
mA / 250 V
910
0,17
3,35 · 10–1
••
0034.3977
200
mA / 250 V
890
0,18
3,37 · 10–1
••
0034.3978
250
mA / 250 V
770
0,19
4,86 · 10–1
••
0034.3979
300
mA / 250 V
700
0,21
6,21 · 10–1
••
0034.3980
375
mA / 250 V
510
0,19
1,18
0034.3981
400
mA / 250 V
540
0,21
3,5
0034.3982
500
mA / 250 V
470
0,23
2
0034.3983
600
mA / 250 V
380
0,23
6,19
0034.3984
700
mA / 250 V
360
0,25
6,32
0034.3985
750
mA / 250 V
270
0,21
7,99
0034.3986
800
mA / 250 V
330
0,26
8,06
0034.3987
1
A / 250 V
270
0,27
10,6
0034.3988
1,2
A / 250 V
240
0,30
18,9
0034.3989
1,25
A / 250 V
240
0,31
20,8
0034.3990
1,5
A / 250 V
210
0,32
21,9
0034.3991
1,6
A / 250 V
200
0,32
30
0034.3992
1,8
A / 250 V
190
0,34
34,7
0034.3993
2
A / 250 V
180
0,37
56
0034.3995
2,5
A / 250 V
215
1,2
108
0034.3996
2,8
A / 250 V
210
1,2
157
0034.3997
3
A / 250 V
200
1,3
156
0034.3998
3,2
A / 250 V
200
1,3
165
0034.3999
3,5
A / 250 V
200
1,3
245
10 000 A / 125 V AC,
p.f. / cos
0,7-0,8
35 A / 250 V AC,
p.f. / cos
0,7-0,8
10 000 A / 125 V AC,
p.f. / cos
0,7-0,8
100 A / 250 V AC,
p.f. / cos
0,7-0,8
50
75
100


Similar Part No. - 0034.3981

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.3981 SCHURTER-0034.3981 Datasheet
83Kb / 1P
   Non resettable fuses
More results

Similar Description - 0034.3981

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.3110 SCHURTER-0034.3110 Datasheet
169Kb / 2P
   Non resettable fuses
0034.3973 SCHURTER-0034.3973 Datasheet
83Kb / 1P
   Non resettable fuses
FSQ5X20 SCHURTER-FSQ5X20 Datasheet
88Kb / 1P
   Non resettable fuses
logo
List of Unclassifed Man...
USF0603 ETC2-USF0603 Datasheet
98Kb / 2P
   Non resettable fuses
logo
Schurter Inc.
172581 SCHURTER-172581 Datasheet
105Kb / 3P
   NON RESETTABLE FUSES
logo
List of Unclassifed Man...
PFRA ETC1-PFRA Datasheet
141Kb / 5P
   RESETTABLE FUSES
logo
Littelfuse
HVR600 LITTELFUSE-HVR600 Datasheet
95Kb / 2P
   RESETTABLE FUSES
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com