Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.6606 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 0034.6606
Description  Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.6606 Datasheet(HTML) 3 Page - Schurter Inc.

  0034.6606 Datasheet HTML 1Page - Schurter Inc. 0034.6606 Datasheet HTML 2Page - Schurter Inc. 0034.6606 Datasheet HTML 3Page - Schurter Inc. 0034.6606 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Non resettable fuses
MST 250
www.schurter.com/PG01_2
Fuses
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
max. [mW]
Melting I²t
10.0 Intyp.
[A²s]
S L T Order Number
0.05
250
1)
550
415
155
0.03
l
l
l
l
l
0034.6602
0.063
250
1)
480
420
160
0.05
l
l
l
l
l
0034.6603
0.08
250
1)
400
360
165
0.06
l
l
l
l
l
0034.6604
0.1
250
1)
350
320
170
0.08
l
l
l
l
l
0034.6605
0.125
250
1)
300
270
180
0.12
l
l
l
l
l
0034.6606
0.16
250
1)
280
190
190
0.24
l
l
l
l
l
0034.6607
0.2
250
1)
260
150
200
0.35
l
l
l
l
l
0034.6608
0.25
250
1)
240
120
220
0.6
l
l
l
l
l
0034.6609
0.315
250
1)
220
120
250
0.8
l
l
l
l
l
0034.6610
0.4
250
1)
200
110
280
1.1
l
l
l
l
l
0034.6611
0.5
250
1)
190
100
310
2.5
l
l
l
l
l
0034.6612
0.63
250
1)
180
90
360
4
l
l
l
l
l
0034.6613
0.8
250
1)
160
80
430
8
l
l
l
l
l
0034.6614
1
250
1)
140
70
500
12
l
l
l
l
l
l
0034.6615
1.25
250
1)
130
70
600
15
l
l
l
l
l
l
0034.6616
1.6
250
1)
120
60
730
30
l
l
l
l
l
l
0034.6617
2
250
1)
100
60
870
34
l
l
l
l
l
l
0034.6618
2.5
250
1)
100
50
1000
55
l
l
l
l
l
l
0034.6619
3.15
250
1)
100
50
1200
76
l
l
l
l
l
l
0034.6620
4
250
2)
100
50
1400
80
l
l
l
l
l
l
0034.6621
5
250
3)
-
50
-
230
l
l
l
l
l
0034.6622
6.3
250
3)
-
45
-
360
l
l
l
l
0034.6623
0.05
250
1)
550
415
155
0.03
l
l
l
l
l
0034.6702
0.063
250
1)
480
420
160
0.05
l
l
l
l
l
0034.6703
0.08
250
1)
400
360
165
0.06
l
l
l
l
l
0034.6704
0.1
250
1)
350
320
170
0.08
l
l
l
l
l
0034.6705
0.125
250
1)
300
270
180
0.12
l
l
l
l
l
0034.6706
0.16
250
1)
280
190
190
0.24
l
l
l
l
l
0034.6707
0.2
250
1)
260
150
200
0.35
l
l
l
l
l
0034.6708
0.25
250
1)
240
120
220
0.6
l
l
l
l
l
0034.6709
0.315
250
1)
220
120
250
0.8
l
l
l
l
l
0034.6710
0.4
250
1)
200
110
280
1.1
l
l
l
l
l
0034.6711
0.5
250
1)
190
100
310
2.5
l
l
l
l
l
0034.6712
0.63
250
1)
180
90
360
4
l
l
l
l
l
0034.6713
0.8
250
1)
160
80
430
8
l
l
l
l
l
0034.6714
1
250
1)
140
70
500
12
l
l
l
l
l
l
0034.6715
1.25
250
1)
130
70
600
15
l
l
l
l
l
l
0034.6716
1.6
250
1)
120
60
730
30
l
l
l
l
l
l
0034.6717
2
250
1)
100
60
870
34
l
l
l
l
l
l
0034.6718
2.5
250
1)
100
50
1000
55
l
l
l
l
l
l
0034.6719
3.15
250
1)
100
50
1200
76
l
l
l
l
l
l
0034.6720
4
250
2)
100
50
1400
80
l
l
l
l
l
l
0034.6721
5
250
3)
-
50
-
230
l
l
l
l
l
0034.6722
6.3
250
3)
-
45
-
360
l
l
l
l
0034.6723
0.05
250
1)
550
415
155
0.03
l
l
l
l
l
0034.6802
0.063
250
1)
480
420
160
0.05
l
l
l
l
l
0034.6803
0.08
250
1)
400
360
165
0.06
l
l
l
l
l
0034.6804
0.1
250
1)
350
320
170
0.08
l
l
l
l
l
0034.6805
0.125
250
1)
300
270
180
0.12
l
l
l
l
l
0034.6806
0.16
250
1)
280
190
190
0.24
l
l
l
l
l
0034.6807
0.2
250
1)
260
150
200
0.35
l
l
l
l
l
0034.6808
0.25
250
1)
240
120
220
0.6
l
l
l
l
l
0034.6809
0.315
250
1)
220
120
250
0.8
l
l
l
l
l
0034.6810


Similar Part No. - 0034.6606

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.6606 SCHURTER-0034.6606 Datasheet
565Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 35 A
0034.6606 SCHURTER-0034.6606 Datasheet
494Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
04.01.2022
More results

Similar Description - 0034.6606

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MST250 SCHURTER-MST250_18 Datasheet
449Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_V02 Datasheet
494Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
04.01.2022
MSU250 SCHURTER-MSU250 Datasheet
256Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
MSU250 SCHURTER-MSU250_V01 Datasheet
300Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
MSTU250 SCHURTER-MSTU250_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V01 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
00347103 SCHURTER-00347103 Datasheet
471Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
00346914 SCHURTER-00346914 Datasheet
516Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com