Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3403.0016.11 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3403.0016.11
Description  Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, 250 VAC, 250 DC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3403.0016.11 Datasheet(HTML) 2 Page - Schurter Inc.

  3403.0016.11 Datasheet HTML 1Page - Schurter Inc. 3403.0016.11 Datasheet HTML 2Page - Schurter Inc. 3403.0016.11 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
OMF 250
www.schurter.com /PG01_2
Fuses
Dimension
11 mm
11
1.75
7.5
4.6
5.5
2.2
3.2
3.6
6
Soldering pads
Pre-Arcing Time
Rated Current In
1.25 x In min. 2.0 x In max. 10.0 x In min. 10.0 x In max.
0.25 A - 4 A
60 min
120 s
1 ms
10 ms
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.25 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.25
250
250
1)
-
1100
480
0.012
l
3403.0010.11
0.25
250
250
1)
-
1100
480
0.012
l
3403.0010.24
0.315
250
250
1)
-
1000
430
0.019
l
3403.0011.11
0.315
250
250
1)
-
1000
430
0.019
l
3403.0011.24
0.4
250
250
2)
700
230
190
0.02
l
l
3403.0012.11
0.4
250
250
2)
700
230
190
0.02
l
l
3403.0012.24
0.5
250
250
1)
600
190
190
0.03
l
l
3403.0013.11


Similar Part No. - 3403.0016.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3403.0016.11 SCHURTER-3403.0016.11 Datasheet
69Kb / 1P
   Fuse Kit OMF Fuses
3403.0016.11 SCHURTER-3403.0016.11 Datasheet
299Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, 250 VAC, 250 DC
04.01.2022
More results

Similar Description - 3403.0016.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OMF250 SCHURTER-OMF250_18 Datasheet
287Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, 250 VAC, 250 DC
OMF250 SCHURTER-OMF250_V01 Datasheet
299Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, 250 VAC, 250 DC
04.01.2022
OMF250 SCHURTER-OMF250 Datasheet
495Kb / 3P
   3Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, 250 VAC, 250 DC
OSU250 SCHURTER-OSU250_V01 Datasheet
249Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, Telecom
OSU250 SCHURTER-OSU250 Datasheet
451Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, Telecom
OSU250 SCHURTER-OSU250_16 Datasheet
246Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, Telecom
OMT SCHURTER-OMT Datasheet
426Kb / 2P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC
00346000 SCHURTER-00346000 Datasheet
595Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC, 250 VDC
MSF250 SCHURTER-MSF250_18 Datasheet
311Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
MSF250 SCHURTER-MSF250 Datasheet
305Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com