Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFLT.260 Datasheet(PDF) 2 Page - Schurter Inc.

Part # PFLT.260
Description  Axial leaded PTC-Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFLT.260 Datasheet(HTML) 2 Page - Schurter Inc.

  PFLT.260 Datasheet HTML 1Page - Schurter Inc. PFLT.260 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FUSES / SICHERUNGEN
PFLT
Resettable fuses
www.schurter.com
35
Type / Typ
Umax
Imax
Ihold
Itrip
Initial
1 Hour (R1) Post-
Max. Time
Tripped Power
Resistance /
Trip Resistance /
to trip at 23 °C /
Dissipation
Amperes /
Ohms at 23 °C /
Ohms at 23 °C /
Amps /
Seconds /
Watts at 23 °C
Ampere at 23 °C
VA
Hold
Trip
min.
max.
R1 max.
max.
nom.
PFLT.100.S
24
100
1.0
2.5
0.070
0.130
0.260
5
7.0
1.5
PFLT.180
24
100
1.8
3.8
0.040
0.068
0.120
9
2.9
2.0
PFLT.180.S
24
100
1.8
3.8
0.040
0.068
0.120
9
2.9
2.0
PFLT.190
24
100
1.9
4.2
0.030
0.057
0.100
10
3.0
1.9
PFLT.260
24
100
2.6
5.2
0.025
0.042
0.076
13
5.0
2.3
PFLT.300
24
100
3.0
6.3
0.015
0.031
0.055
15
4.0
2.0
PFLT.340
24
100
3.4
6.8
0.016
0.027
0.050
17
5.0
2.7
Type / Typ
Ambient Operating Temperature
–40 ˚C
–20 ˚C
0 ˚C
23 ˚C
40 ˚C
50 ˚C
60 ˚C
70 ˚C
85 ˚C
PFLT.100.S
1.8
1.6
1.4
1.0
0.8
0.7
0.6
0.4
0.2
PFLT.180
3.1
2.6
2.2
1.8
1.3
1.1
0.9
0.6
0.2
PFLT.180.S
3.1
2.6
2.2
1.8
1.3
1.1
0.9
0.6
0.2
PFLT.190
3.3
2.8
2.4
1.9
1.4
1.2
1.1
0.7
0.4
PFLT.260
4.3
3.7
3.1
2.6
1.9
1.6
1.4
1.1
0.6
PFLT.300
5.1
4.4
3.7
3.0
2.3
1.9
1.6
1.2
0.6
PFLT.340
5.5
4.7
4.0
3.4
2.6
2.2
1.9
1.5
0.8
How To Order
PF
LT . xxx . x
PTC-Fuse
Style
LT = Low temperature axial leaded
“strap” component
Hold Current, Ihold
100-340 (1.00 A - 3.40 A)
Slotted lead option
Thermal Derating Chart - Ihold (Amps)
Packaging
All models packaged in bulk, 500 pieces each.
Packaged loose; optional slotted leads (.S) available for 1 A and 1.8 A ratings
Type / Typ
A
B
C
D
F
Package style
min.
max.
min.
max.
min.
max.
min.
max.
min.
max.
PFLT.100S
20.9
23.1
4.9
5.2
0.6
1.0
4.1
5.5
3.9
4.1
S
PFLT.180
24.0
26.0
4.9
5.2
0.6
1.0
4.1
5.5
3.9
4.1
Std.
PFLT.180S
24.0
26.0
4.9
5.2
0.6
1.0
4.1
5.5
3.9
4.1
S
PFLT.190
21.3
23.4
10.2
11.0
0.5
1.1
5.0
7.6
4.8
5.4
Std.
PFLT.260
24.0
26.0
10.8
11.9
0.6
1.0
5.0
7.0
5.9
6.1
Std.
PFLT.300
28.4
31.8
13.0
13.5
0.5
1.1
6.3
8.9
6.0
6.6
Std.
PFLT.340
24.0
26.0
14.8
15.9
0.6
1.0
4.0
5.0
5.9
6.1
Std.
Dimensions
Dimensions = mm


Similar Part No. - PFLT.260

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PFL1005-101MRU COILCRAFT-PFL1005-101MRU Datasheet
369Kb / 2P
   Shielded Power Inductors
PFL1005-101MRW COILCRAFT-PFL1005-101MRW Datasheet
369Kb / 2P
   Shielded Power Inductors
PFL1005-102MRU COILCRAFT-PFL1005-102MRU Datasheet
369Kb / 2P
   Shielded Power Inductors
PFL1005-102MRW COILCRAFT-PFL1005-102MRW Datasheet
369Kb / 2P
   Shielded Power Inductors
PFL1005-181MRU COILCRAFT-PFL1005-181MRU Datasheet
369Kb / 2P
   Shielded Power Inductors
More results

Similar Description - PFLT.260

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFST SCHURTER-PFST Datasheet
103Kb / 2P
   Axial leaded PTC-Fuses
PFLR SCHURTER-PFLR Datasheet
115Kb / 2P
   Axial leaded PTC-Fuses
PFVS SCHURTER-PFVS Datasheet
120Kb / 2P
   Axial leaded PTC-Fuses
PFRT SCHURTER-PFRT Datasheet
113Kb / 2P
   Wire leaded PTC-Fuses
logo
DB Lectro Inc
FLR190 DBLECTRO-FLR190 Datasheet
108Kb / 3P
   Axial Leaded PTC FLR Series
FSR120 DBLECTRO-FSR120 Datasheet
107Kb / 3P
   Axial Leaded PTC FSR Series
FLT070 DBLECTRO-FLT070 Datasheet
99Kb / 3P
   Axial Leaded PTC FLT Series
logo
Fuzetec Technology Co.,...
FLR190F FUZETEC-FLR190F Datasheet
82Kb / 3P
   Axial Leaded PTC Resettable Fuse: FLR Series
FVL170F FUZETEC-FVL170F Datasheet
68Kb / 3P
   Axial Leaded PTC Resettable Fuse: FVL Series
FVT110F FUZETEC-FVT110F Datasheet
79Kb / 3P
   Axial Leaded PTC Resettable Fuse: FVT Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com