Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3404.0044.22 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 3404.0044.22
Description  Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3404.0044.22 Datasheet(HTML) 3 Page - Schurter Inc.

  3404.0044.22 Datasheet HTML 1Page - Schurter Inc. 3404.0044.22 Datasheet HTML 2Page - Schurter Inc. 3404.0044.22 Datasheet HTML 3Page - Schurter Inc. 3404.0044.22 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Non resettable fuses
OMF 125
www.schurter.com /PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.0 In
typ. [mW]
Melting I²t 4.0
In typ. [A²s]
Order Number
0.4
125
125
1)
960
380
0.016
l
3404.0007.11
0.4
125
125
1)
960
380
0.016
l
3404.0007.22
0.4
125
125
1)
960
380
0.016
l
3404.0007.24
0.5
125
125
1)
350
150
0.01
l
3404.0045.11
0.5
125
125
1)
350
150
0.01
l
3404.0045.22
0.5
125
125
1)
350
150
0.01
l
3404.0045.24
0.63
125
125
1)
290
180
0.02
l
3404.0008.11
0.63
125
125
1)
290
180
0.02
l
3404.0008.22
0.63
125
125
1)
290
180
0.02
l
3404.0008.24
0.75
125
125
1)
260
200
0.031
l
3404.0046.11
0.75
125
125
1)
260
200
0.031
l
3404.0046.22
0.75
125
125
1)
260
200
0.031
l
3404.0046.24
1
125
125
1)
220
220
0.078
l
3404.0009.11
1
125
125
1)
220
220
0.078
l
3404.0009.22
1
125
125
1)
220
220
0.078
l
3404.0009.24
1.25
125
125
1)
220
280
0.14
l
3404.0010.11
1.25
125
125
1)
220
280
0.14
l
3404.0010.22
1.25
125
125
1)
220
280
0.14
l
3404.0010.24
1.5
125
125
1)
200
300
0.24
l
3404.0047.11
1.5
125
125
1)
200
300
0.24
l
3404.0047.22
1.5
125
125
1)
200
300
0.24
l
3404.0047.24
1.6
125
125
1)
200
320
0.27
l
3404.0011.11
1.6
125
125
1)
200
320
0.27
l
3404.0011.22
1.6
125
125
1)
200
320
0.27
l
3404.0011.24
2
125
125
1)
200
400
0.44
l
3404.0012.11
2
125
125
1)
200
400
0.44
l
3404.0012.22
2
125
125
1)
200
400
0.44
l
3404.0012.24
2.5
125
125
1)
190
480
0.97
l
3404.0013.11
2.5
125
125
1)
190
480
0.97
l
3404.0013.22
2.5
125
125
1)
190
480
0.97
l
3404.0013.24
3
125
125
1)
190
570
1.3
l
3404.0014.11
3
125
125
1)
190
570
1.3
l
3404.0014.22
3
125
125
1)
190
570
1.3
l
3404.0014.24
3.15
125
125
1)
190
600
1.2
l
3404.0048.11
3.15
125
125
1)
190
600
1.2
l
3404.0048.22
3.15
125
125
1)
190
600
1.2
l
3404.0048.24
3.5
125
125
1)
140
490
1.6
l
3404.0015.11
3.5
125
125
1)
140
490
1.6
l
3404.0015.22
3.5
125
125
1)
140
490
1.6
l
3404.0015.24
4
125
125
1)
182
728
2.25
l
3404.0016.11
4
125
125
1)
182
728
2.25
l
3404.0016.22
4
125
125
1)
182
728
2.25
l
3404.0016.24
5
125
125
1)
140
700
2.9
l
3404.0017.11
5
125
125
1)
140
700
2.9
l
3404.0017.22
5
125
125
1)
140
700
2.9
l
3404.0017.24
6.3
125
125
1)
110
690
14
l
3404.0018.11
6.3
125
125
1)
110
690
14
l
3404.0018.22
6.3
125
125
1)
110
690
14
l
3404.0018.24
7
125
125
1)
105
740
16
l
3404.0019.11
7
125
125
1)
105
740
16
l
3404.0019.22
7
125
125
1)
105
740
16
l
3404.0019.24
8
125
125
1)
100
800
20
l
3404.0020.11
8
125
125
1)
100
800
20
l
3404.0020.22
8
125
125
1)
100
800
20
l
3404.0020.24


Similar Part No. - 3404.0044.22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3404.0044.xx SCHURTER-3404.0044.xx Datasheet
463Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
More results

Similar Description - 3404.0044.22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OMF125 SCHURTER-OMF125_V02 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
OMF125 SCHURTER-OMF125 Datasheet
463Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_V01 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_18 Datasheet
325Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF63 SCHURTER-OMF63 Datasheet
295Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V01 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
MKF SCHURTER-MKF_V02 Datasheet
293Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
MKF SCHURTER-MKF Datasheet
400Kb / 2P
   Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
172876 SCHURTER-172876 Datasheet
415Kb / 2P
   Surface Mount Fuse, 7 x 2 mm, Quick-Acting F, 125 VAC, 125 VDC
172876 SCHURTER-172876_18 Datasheet
284Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com