Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFRT.008.250.U Datasheet(PDF) 1 Page - Schurter Inc.

Part # PFRT.008.250.U
Description  Wire leaded PTC-Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFRT.008.250.U Datasheet(HTML) 1 Page - Schurter Inc.

  PFRT.008.250.U Datasheet HTML 1Page - Schurter Inc. PFRT.008.250.U Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FUSES / SICHERUNGEN
PFRT
Resettable fuses
www.schurter.com
21
Typical Time to Trip at 23 ˚C
Dimensions
Applications
Used as a secondary overcur-
rent protection device in:
• Customer Premise Equipment
(CPE)
• Central Office (CO)
• Subscriber Line Interface
Cards (SLIC)
Test Procedures And Requirements For Model PFRT Series
Test / Test
Test Conditions / Bedingungen
Accept/Reject Criteria
Visual/Mech. / visuell/mech.
Verify dimensions and materials / Kontrolle Abmess./Mat. Per MF physical description
Resistance / Widerstand
In still air @ 23 °C / bei ruhiger Luft 23 °C
Rmin
≤ R ≤ Rmax
Time to Trip / Trip-Zeit
5 times Ihold, Vmax 23 °C / 5-facher Haltestrom
T
≤ max. time to trip
(sec.)
Hold Current / Haltestrom
30 min. at Ihold / bei Haltestrom
No trip
Trip Cycle Life / Trip-Zyklen
Vmax, Imax, 100 cycles / Zyklen
No arcing or burning
Trip Endurance / Zeit im Tripzustand
Vmax, 48 hours / Stunden
No arcing or burning
Environmental Characteristics
Operating/Storage Temperature / Einsatz/Lagertemp.
-45 °C to +85 °C
Maximum Device Surface Temperature in Tripped State /
125 °C
Passive Aging / passive Alterung
+85 °C, 1000 hours / Std.
± 2% typ. resist. change
+60 °C, 1000 hours / Std.
± 3% typ. resist. change
Humidity Aging / Feuchtigkeitsalterung
+85 °C, 85% R.H. 500 hours / Std. ± 3% typ. resist. change
Thermal Shock / Thermischer Schock
MIL-STD-202F, Method 107G
±10% typ. resist. change
+125 °C/–55 °C, 10 times / Zyklen ±15% typ. resist. change
Solvent Resistance / Lösungsmittel-Beständigkeit
MIL-STD-202, Method 215B
No change
Lead Solerability / Lötbarkeit
ANSI/J-STD-002
Flammability / Entflammbarkeit
IEC 695-2-2
No Flame for 60 sec.
Vibration
MIL-STD-883C, Method 2007.1,
No change
Condition A
Typical Part Marking
Layout may vary
Manufacturer’s Trademark
Restance bin
Lot No. (T = Taiwan, S = Xiamen)
Part identification
Date code (First digit = Last digit of
year; next three digits = day of year)
50
75
100
Fault current (A)
100
100
10
1
0.10
0.01
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3
PFRT.018.250.U
PFRT.014.250 & PFRT.014.250.U
PFRT.012.250 & PFRT.012.250.U
PFRT.011.250.U
PFRT.008.250 & PFRT.008.250.U
A
E
B
C
D
Wire leaded
PTC-Fuses
Type PFRT
High voltage surge
capabilities
Compliance to ITU
K.20/K.21 specifications
Agency recognition:
UL, CSA, TÜV


Similar Part No. - PFRT.008.250.U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
logo
Good Will Instrument Co...
PFR-100L GWINSTEK-PFR-100L Datasheet
452Kb / 2P
   FANLESS MULTI-RANGE D.C. POWER SUPPLY
PFR-100M GWINSTEK-PFR-100M Datasheet
452Kb / 2P
   FANLESS MULTI-RANGE D.C. POWER SUPPLY
logo
CUI INC
PFR-2100 CUI-PFR-2100_15 Datasheet
289Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
logo
Semtech Corporation
PFR0 SEMTECH-PFR0 Datasheet
111Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
More results

Similar Description - PFRT.008.250.U

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFST SCHURTER-PFST Datasheet
103Kb / 2P
   Axial leaded PTC-Fuses
PFLT SCHURTER-PFLT Datasheet
96Kb / 2P
   Axial leaded PTC-Fuses
PFLR SCHURTER-PFLR Datasheet
115Kb / 2P
   Axial leaded PTC-Fuses
PFVS SCHURTER-PFVS Datasheet
120Kb / 2P
   Axial leaded PTC-Fuses
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com