Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.6705 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 0034.6705
Description  Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.6705 Datasheet(HTML) 4 Page - Schurter Inc.

  0034.6705 Datasheet HTML 1Page - Schurter Inc. 0034.6705 Datasheet HTML 2Page - Schurter Inc. 0034.6705 Datasheet HTML 3Page - Schurter Inc. 0034.6705 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Non resettable fuses
MST 250
www.schurter.com/PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
max. [mW]
Melting I²t
10.0 Intyp.
[A²s]
S L T Order Number
0.4
250
1)
200
110
280
1.1
l
l
l
l
l
0034.6811
0.5
250
1)
190
100
310
2.5
l
l
l
l
l
0034.6812
0.63
250
1)
180
90
360
4
l
l
l
l
l
0034.6813
0.8
250
1)
160
80
430
8
l
l
l
l
l
0034.6814
1
250
1)
140
70
500
12
l
l
l
l
l
l
0034.6815
1.25
250
1)
130
70
600
15
l
l
l
l
l
l
0034.6816
1.6
250
1)
120
60
730
30
l
l
l
l
l
l
0034.6817
2
250
1)
100
60
870
34
l
l
l
l
l
l
0034.6818
2.5
250
1)
100
50
1000
55
l
l
l
l
l
l
0034.6819
3.15
250
1)
100
50
1200
76
l
l
l
l
l
l
0034.6820
4
250
2)
100
50
1400
80
l
l
l
l
l
l
0034.6821
5
250
3)
-
50
-
230
l
l
l
l
l
0034.6822
6.3
250
3)
-
45
-
360
l
l
l
l
0034.6823
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) IEC: 35 A @ 250 VAC
1) UL: 35 A @ 250 VAC / 50 A @ 63 VDC
2) IEC: 10 In @ 250 VAC
2) UL: 10 In @ 250 VAC / 50 A @ 63 VDC
3) IEC: 10 In @ 250 VAC
3) UL: 10 In @ 250 VAC / 10 In @ 63 VDC
Packaging Unit
S =
Plastic Bag (100 pcs.)
L =
Bulk (100 pcs.)
T =
Taped 36 cm Reel (750 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 0034.6705

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.6705 SCHURTER-0034.6705 Datasheet
565Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 35 A
More results

Similar Description - 0034.6705

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MST250 SCHURTER-MST250_18 Datasheet
449Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_V02 Datasheet
494Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
04.01.2022
MSU250 SCHURTER-MSU250 Datasheet
256Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
MSU250 SCHURTER-MSU250_V01 Datasheet
300Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
MSTU250 SCHURTER-MSTU250_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V01 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
00347103 SCHURTER-00347103 Datasheet
471Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
00346914 SCHURTER-00346914 Datasheet
516Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com