Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFMD.260.2 Datasheet(PDF) 2 Page - Schurter Inc.

Part # PFMD.260.2
Description  Surface Mount PTC-Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFMD.260.2 Datasheet(HTML) 2 Page - Schurter Inc.

  PFMD.260.2 Datasheet HTML 1Page - Schurter Inc. PFMD.260.2 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FUSES / SICHERUNGEN
PFMD
Resettable fuses
www.schurter.com
14
Type / Typ
Imax
Vmax
Ihold
Itrip
Initial
1 Hour (R1) Post- Max. Time
Tripped Power
Resistance /
Reflow Resistance / to trip at 23 °C/8A /
Dissipation /
Amperes at 23 °C /
Ohms at 23 °C /
Amperes /
Seconds /
Watts at 23 °C /
AV
Hold
Trip
Rmin.
R1 max.
at / bei 23 °C
at / bei 23 °C
PFMD.010.2
40
60.0
0.10
0.30
0.70
15.00
0.5
1.5
1.0
PFMD.014.2
40
60.0
0.14
0.34
0.40
6.50
1.5
0.15
1.0
PFMD.020.2
80
30.0
0.20
0.40
0.40
6.00
6.0
0.06
1.0
PFMD.030.2
100
30.0
0.30
0.60
0.30
3.00
8.0
0.10
1.2
PFMD.050.2
100
15.0
0.50
1.00
0.15
1.00
8.0
0.15
1.2
PFMD.075.2
100
13.2
0.75
1.50
0.11
0.45
8.0
0.20
1.2
PFMD.075.24.2
100
24.0
0.75
1.50
0.11
0.45
8.0
0.20
1.2
PFMD.110.2
100
6.0
1.10
2.20
0.04
0.21
8.0
0.30
1.2
PFMD.110.16.2
100
16.0
1.10
2.20
0.04
0.21
8.0
0.30
1.2
PFMD.125.2
100
6.0
1.25
2.50
0.035
0.14
8.0
0.4
1.5
PFMD.150.2
100
6.0
1.50
3.00
0.03
0.12
8.0
0.5
1.5
PFMD.160.2
100
8.0
1.60
2.80
0.035
0.10
8.0
2.0
1.5
PFMD.200.2
100
6.0
2.00
4.00
0.020
0.10
8.0
3.0
1.5
PFMD.260.2
100
6.0
2.60
5.20
0.015
0.08
8.0
5.0
1.5
Electrical Characteristics
Model / Modell
AB
C
D
min.
max.
min.
max.
min.
max.
min.
PFMD.010.2
4.37
4.73
3.07
3.41
0.56
0.81
0.30
(0.172)
(0.186)
(0.121)
(0.134)
(0.022)
(0.032)
(0.012)
PFMD.014.2
4.37
4.73
3.07
3.41
0.56
0.81
0.30
( 0.172)
( 0.186)
( 0.121)
( 0.134)
(0.022)
(0.032)
(0.012)
PFMD.020.2
4.37
4.73
3.07
3.41
0.56
0.81
0.30
( 0.172)
( 0.186)
( 0.121)
( 0.134)
(0.022)
(0.032)
(0.012)
PFMD.030.2
4.37
4.73
3.07
3.41
0.56
0.81
0.30
( 0.172)
( 0.186)
( 0.121)
( 0.134)
(0.022)
(0.032)
(0.012)
PFMD.050.2
4.37
4.73
3.07
3.41
0.38
0.62
0.30
( 0.172)
( 0.186)
( 0.121)
( 0.134)
(0.015)
(0.024)
(0.012)
PFMD.075.2
4.37
4.73
3.07
3.41
0.38
0.62
0.30
( 0.172)
( 0.186)
( 0.121)
( 0.134)
(0.015)
(0.024)
(0.012)
PFMD.075.24.2
4.37
4.73
3.07
3.41
0.38
0.62
0.30
( 0.172)
( 0.186)
( 0.121)
( 0.134)
(0.015)
(0.024)
(0.012)
PFMD.110.2
4.37
4.73
3.07
3.41
0.38
0.62
0.30
( 0.172)
( 0.186)
( 0.121)
( 0.134)
(0.015)
(0.024)
(0.012)
PFMD.110.16.2
4.37
4.73
3.07
3.41
0.38
0.62
0.30
( 0.172)
( 0.186)
( 0.121)
( 0.134)
(0.015)
(0.024)
(0.012)
PFMD.125.2
4.37
4.73
3.07
3.41
0.30
0.48
0.30
( 0.172)
( 0.186)
( 0.121)
( 0.134)
(0.012)
(0.019)
(0.012)
PFMD.150.2
4.37
4.73
3.07
3.41
0.30
0.48
0.30
( 0.172)
( 0.186)
( 0.121)
( 0.134)
(0.012)
(0.019)
(0.012)
PFMD.160.2
4.37
4.73
3.07
3.41
0.30
0.48
0.30
( 0.172)
( 0.186)
( 0.121)
( 0.134)
(0.012)
(0.019)
(0.012)
PFMD.200.2
4.37
4.73
3.07
3.41
0.30
0.48
0.30
( 0.172)
(0.186)
( 0.121)
(0.134)
(0.012)
(0.019)
(0.012)
PFMD.260.2
4.37
4.73
3.07
3.41
0.25
0.48
0.30
(0.172)
(0.186)
(0.121)
( 0.134)
(0.010)
(0.019)
(0.012)
Dimensions
Packaging: 2000 pcs. per reel
Dimensions in mm/inches
Soldering Profile
Note PFMD
• models can be wave soldered and
reworked.
Maximum Package Body Temperature (220 °C)
Melting Temperature of Solder (183 °C)
2 Minutes or More
Preheat
Flux Activation
Reflow
Cool
10° to 20 C
per Second
Less than
120 °C per
Second
300
250
200
150
100
50
0
0
30
60
100
150
200
250
Time (Second) (s)
PF
MD .xxx
.x
PTC-Fuse /
Style
MD = 4,5 mm Surface Mount Component
Hold Current, Ihold
010-260 (0,10 A - 2,60 A)
Packaging
Packaged per EIA 481-1
2 = Tape and reel /
Thermal Derating Chart-Ihold / Itrip (Amps)
Type / Typ
Ambient Operating Temperature
–40 ˚C
–20 ˚C
0 ˚C
23 ˚C
40 ˚C
50 ˚C
60 ˚C
70 ˚C
85 ˚C
PFMD.010.2
0.16 / 0.32
0.14 / 0.28
0.12 / 0.24
0.11 / 0.22
0.08 / 0.16
0.07 / 0.14
0.06 / 0.12
0.05 / 0.10
0.03 / 0.06
PFMD.014.2
0.23 / 0.52
0.19 / 0.45
0.17 / 0.40
0.14 / 0.34
0.12 / 0.29
0.10 / 0.25
0.09 / 0.23
0.08 / 0.21
0.06 / 0.16
PFMD.020.2
0.29 / 0.58
0.26 / 0.52
0.23 / 0.46
0.20 / 0.40
0.17 / 0.34
0.15 / 0.30
0.14 / 0.28
0.12 / 0.24
0.10 / 0.20
PFMD.030.2
0.44 / 0.88
0.39 / 0.78
0.35 / 0.70
0.30 / 0.60
0.26 / 0.52
0.23 / 0.46
0.21 / 0.42
0.18 / 0.36
0.15 / 0.30
PFMD.050.2
0.77 / 1.54
0.68 / 1.36
0.59 / 1.18
0.50 / 1.00
0.44 / 0.88
0.40 / 0.80
0.37 / 0.74
0.33 / 0.66
0.29 / 0.58
PFMD.075.2
1.15 / 2.30
1.01 / 2.02
0.88 / 1.76
0.75 / 1.50
0.65 / 1.30
0.60 / 1.20
0.55 / 1.10
0.49 / 0.98
0.43 / 0.86
PFMD.075.24.2
1.11 / 2.22
1.00 / 2.00
0.85 / 1.70
0.75 / 1.50
0.67 / 1.34
0.61 / 1.22
0.52 / 1.06
0.50 / 1.00
0.42 / 0.84
PFMD.110.2
1.59 / 3.18
1.43 / 2.86
1.26 / 2.52
1.10 / 2.20
0.95 / 1.90
0.87 / 1.74
0.80 / 1.60
0.71 / 1.42
0.60 / 1.20
PFMD.110.16.2
1.59 / 3.18
1.43 / 2.86
1.26 / 2.52
1.10 / 2.20
0.95 / 1.90
0.87 / 1.74
0.80 / 1.60
0.71 / 1.42
0.60 / 1.20
PFMD.125.2
1.80 / 3.61
1.63 / 3.25
1.43 / 2.86
1.25 / 2.50
1.08 / 2.16
0.99 / 1.98
0.91 / 1.82
0.81 / 1.62
0.68 / 1.36
PFMD.150.2
2.17 / 4.34
1.95 / 3.90
1.72 / 3.44
1.50 / 3.00
1.30 / 2.59
1.18 / 2.37
1.09 / 2.18
0.97 / 1.94
0.82 / 1.64
PFMD.160.2
2.30 / 5.00
2.20 / 4.40
1.90 / 3.80
1.60 / 2.80
1.45 / 2.90
1.30 / 2.60
1.15 / 2.30
1.03 / 2.06
0.91 / 1.82
PFMD.200.2
3.08 / 6.14
2.71 / 5.39
2.35 / 4.62
2.00 / 4.01
1.80 / 1.61
1.60 / 3.19
1.50 / 2.98
1.07 / 2.12
0.80 / 1.58
PFMD.260.2
4.00 / 7.98
3.52 / 7.01
3.06 / 6.09
2.60 / 5.15
2.34 / 4.64
2.08 / 4.13
1.95 / 3.87
1.39 / 2.74
1.04 / 2.05
How To Order


Similar Part No. - PFMD.260.2

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PFM-530I AAEON-PFM-530I Datasheet
679Kb / 1P
   Onboard STPC짰 Atlas SoC
PFM-533I-B10-Q01 AAEON-PFM-533I-B10-Q01 Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
PFM-535I AAEON-PFM-535I Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
PFM-535I-B10 AAEON-PFM-535I-B10 Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
PFM-535S AAEON-PFM-535S Datasheet
252Kb / 2P
   PC/104 Module With DM&P Vortex86SX/Vortex86DX SoC Processor
More results

Similar Description - PFMD.260.2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFMU SCHURTER-PFMU Datasheet
112Kb / 2P
   Surface Mount PTC-Fuses
PFME SCHURTER-PFME Datasheet
126Kb / 2P
   Surface Mount PTC-Fuses
PFMT SCHURTER-PFMT Datasheet
96Kb / 2P
   Surface Mount PTC-Fuses
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
Bel Fuse Inc.
0ZCJ BEL-0ZCJ Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCM BEL-0ZCM Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCK BEL-0ZCK_16 Datasheet
1Mb / 4P
   Surface Mount PTC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com