Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3404.0009.24 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3404.0009.24
Description  Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3404.0009.24 Datasheet(HTML) 2 Page - Schurter Inc.

  3404.0009.24 Datasheet HTML 1Page - Schurter Inc. 3404.0009.24 Datasheet HTML 2Page - Schurter Inc. 3404.0009.24 Datasheet HTML 3Page - Schurter Inc. 3404.0009.24 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Non resettable fuses
OMF 125
www.schurter.com /PG01_2
Fuses
Pre-Arcing Time
Rated Current In
1.0 x In min.
2.0 x In max.
4.0 x In max.
0.063 A - 5 A
4 h
1 s
10 ms
6.3 A - 8 A
4 h
5 s
50 ms
10 A
4 h
20 s
60 ms
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 5 A
6.3 A – 8A
10 A
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.0 In
typ. [mW]
Melting I²t 4.0
In typ. [A²s]
Order Number
0.063
125
125
1)
2550
160
0.00011
l
3404.0003.11
0.063
125
125
1)
2550
160
0.00011
l
3404.0003.22
0.063
125
125
1)
2550
160
0.00011
l
3404.0003.24
0.1
125
125
1)
1770
180
0.00067
l
3404.0004.11
0.1
125
125
1)
1770
180
0.00067
l
3404.0004.22
0.1
125
125
1)
1770
180
0.00067
l
3404.0004.24
0.125
125
125
1)
1770
220
0.0011
l
3404.0049.11
0.125
125
125
1)
1770
220
0.0011
l
3404.0049.22
0.125
125
125
1)
1770
220
0.0011
l
3404.0049.24
0.16
125
125
1)
1700
270
0.0018
l
3404.0005.11
0.16
125
125
1)
1700
270
0.0018
l
3404.0005.22
0.16
125
125
1)
1700
270
0.0018
l
3404.0005.24
0.25
125
125
1)
990
250
0.0058
l
3404.0006.11
0.25
125
125
1)
990
250
0.0058
l
3404.0006.22
0.25
125
125
1)
990
250
0.0058
l
3404.0006.24
0.35
125
125
1)
990
350
0.0076
l
3404.0043.11
0.35
125
125
1)
990
350
0.0076
l
3404.0043.22
0.35
125
125
1)
990
350
0.0076
l
3404.0043.24
0.375
125
125
1)
990
370
0.013
l
3404.0044.11
0.375
125
125
1)
990
370
0.013
l
3404.0044.22
0.375
125
125
1)
990
370
0.013
l
3404.0044.24


Similar Part No. - 3404.0009.24

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3404.0009.22 SCHURTER-3404.0009.22 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
More results

Similar Description - 3404.0009.24

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OMF125 SCHURTER-OMF125_V02 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
OMF125 SCHURTER-OMF125 Datasheet
463Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_V01 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_18 Datasheet
325Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF63 SCHURTER-OMF63 Datasheet
295Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V01 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
MKF SCHURTER-MKF_V02 Datasheet
293Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
MKF SCHURTER-MKF Datasheet
400Kb / 2P
   Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
172876 SCHURTER-172876 Datasheet
415Kb / 2P
   Surface Mount Fuse, 7 x 2 mm, Quick-Acting F, 125 VAC, 125 VDC
172876 SCHURTER-172876_18 Datasheet
284Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com